Electronic Components Datasheet Search
  English  ▼

X  

AP6512 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AP6512
Description  Bobbintron Electrical Corporation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP6512 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AP6512 Datasheet HTML 23Page - List of Unclassifed Manufacturers AP6512 Datasheet HTML 24Page - List of Unclassifed Manufacturers AP6512 Datasheet HTML 25Page - List of Unclassifed Manufacturers AP6512 Datasheet HTML 26Page - List of Unclassifed Manufacturers AP6512 Datasheet HTML 27Page - List of Unclassifed Manufacturers AP6512 Datasheet HTML 28Page - List of Unclassifed Manufacturers AP6512 Datasheet HTML 29Page - List of Unclassifed Manufacturers AP6512 Datasheet HTML 30Page - List of Unclassifed Manufacturers AP6512 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
http://www.bobbintron.com
BOBBINTRON ELECTRICAL CORPORATION
bec
DD0151-XX
Series
15W DC – DC converter
Electrical specifications :
Feature:
Input:
Wide Range DC Input
Voltage……………. 18 – 30 VDC
3P-2 3.96mm Molex Input
Current……………...1.0A rms Max
4P 3.96mm Molex Output
Frequency…………..
Output:
Voltage (Vo)……………. (see table)
Tolerance…………………+/- 5%
Power (Po)……………….15W
Hold up time………………
Environmental :
Over voltage protection……Built-in
Operating Temperature:
Short circuit protection…….Hiccup Mode, Auto Recovery
0 deg. C to 50 deg. C ambient
Efficiency………………….70% min, at Full Load and 20VDC
Storage Temperature:
Ripple/Noise (Vp-p)………2% (20M Hz Bandwidth)
-20 deg. C to 80 deg.C
Calculated MTBF………… Over 100 Khr at 25C
Output Electronic Specifications:
Model No.
Po
Vo
Io
DD0151-05
13W
5.0VDC
2.5A
DD0151-12
15W
12.0VDC
1.3A
DD0151-15
15W
15.0VDC
1.0A
DD0151-24
15W
24.0VDC
0.65A
EMI:
Meet FCC Class B and
CISPR 22 Class B
Safety:
UL/cUL/CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com