Electronic Components Datasheet Search
  English  ▼

X  

AP6524 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # AP6524
Description  Bobbintron Electrical Corporation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP6524 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button AP6524 Datasheet HTML 28Page - List of Unclassifed Manufacturers AP6524 Datasheet HTML 29Page - List of Unclassifed Manufacturers AP6524 Datasheet HTML 30Page - List of Unclassifed Manufacturers AP6524 Datasheet HTML 31Page - List of Unclassifed Manufacturers AP6524 Datasheet HTML 32Page - List of Unclassifed Manufacturers AP6524 Datasheet HTML 33Page - List of Unclassifed Manufacturers AP6524 Datasheet HTML 34Page - List of Unclassifed Manufacturers AP6524 Datasheet HTML 35Page - List of Unclassifed Manufacturers AP6524 Datasheet HTML 36Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
http://www.bobbintron.com
BOBBINTRON ELECTRICAL CORPORATION
bec
Wireless Transmitter for iPod/ iPod Mini
Dimensions: 51.6 (L) x 26.5(W) x 14.5(T)mm without counting earphone plug.
Color: Pure Apple White
Built-in Antenna
Power Requirement: Supplied by iPod connection.
Modulation: FM stereo
Frequencies: ch.1@88.2 /ch.2@ 88.6 /ch.3@ 89 MHz(for Japan) 3 band
adjusted by manual switch built on front right side. With silk screen indication.
Ch.1@ 88.3, ch.2@ 88.7 and ch.3@ 88.9MHz( for USA & Europe) as from
bottom to top indicated beside the manual switch.
Stereo separation: Greater than 45 dB
Signal Distortion: Less than .5%
Frequency response: 50Hz to 15 kHz
Operating Range Availability: 10~30 ft(Limited by FCC regulation)
International frequencies software selectable.
Blister package for Retailer’s choice.
P/N# i-Trans88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com