Electronic Components Datasheet Search
  English  ▼

X  

AP6524 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AP6524
Description  Bobbintron Electrical Corporation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP6524 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AP6524 Datasheet HTML 10Page - List of Unclassifed Manufacturers AP6524 Datasheet HTML 11Page - List of Unclassifed Manufacturers AP6524 Datasheet HTML 12Page - List of Unclassifed Manufacturers AP6524 Datasheet HTML 13Page - List of Unclassifed Manufacturers AP6524 Datasheet HTML 14Page - List of Unclassifed Manufacturers AP6524 Datasheet HTML 15Page - List of Unclassifed Manufacturers AP6524 Datasheet HTML 16Page - List of Unclassifed Manufacturers AP6524 Datasheet HTML 17Page - List of Unclassifed Manufacturers AP6524 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
http://www.bobbintron.com
BOBBINTRON ELECTRICAL CORPORATION
bec
Insulation class Electrical safety EN 60601-1,EN 60950, EN 60335-2-29
EMC standards
• Medical EN 60601-1-2, UL-2601-1
• Emission EN 50081-1
• Immunity EN 50082-1
Mains connection 3 pins IEC 320 connector
Indicator - 3 color LED
• Red: (constant current, boost): 4 A
• Yellow: (const. voltage, timer): 14,7 V
• Green: (const voltage ,float): 13,8 V
Timer 2h ± 30min (also available with other values)
Output terminals
DC plug: Alligator clips or other configuration by customers
DC connector
Dimensions (LxWxH) 140 x 75 x 39mm
Weight 350 g
Timer is also available with other values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com