Electronic Components Datasheet Search
  English  ▼

X  

ES-21 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # ES-21
Description  Accessories photoelectric sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

ES-21 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  ES-21 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 5Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 6Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 7Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 8Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 9Page - Baumer IVO GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.baumerelectric.com
2. 0669
669
9,7
ø
M8x1
26
L
31,6
L
28
33,4
40
23
L
ø 9,5
Connectors M8 x 1
Connector
ESW 31AP
Connector
ES 22 / ES 22A
Part number
ESW 31AP0500G
4 pin
5 m PUR
- shielded
- screen connected with cap nut
- PUR, halogen-free
Part number
ESG 32AP0500G
4 pin
5 m PUR
- shielded
- screen connected with cap nut
- PUR, halogen-free
Connector
ESG 32AP
Part number
ES 22
3 pin
ES 22A
4 pin
- for self-assembly
- with cap nut
Connector
ES 21 / ES 21A
Part number
ES 21
3 pin
ES 21A
4 pin
- for self-assembly
- with cap nut
Part number
ES 30.2
2 pin
2 m PVC
- for My-Com BS only
- with clip fastener
Connector
ES 30
3
1
4
2
4
1
3
Pin-assignment connector 3-pin (M 8)
Pin-assignment connector 4-pin (M8)
Pin-Nr.
Color
1
BN (Brown)
3
BU (Blue)
4
BK (Black)
Pin-Nr.
Color
1
BN (Brown)
2
WH (White)
3
BU (Blue)
4
BK (Black
viewed from rear of connector
viewed from rear of connector
see color code
for wiring
see color code
for wiring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com