Electronic Components Datasheet Search
  English  ▼

X  

ES-21 Datasheet(PDF) 8 Page - Baumer IVO GmbH & Co. KG

Part # ES-21
Description  Accessories photoelectric sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

ES-21 Datasheet(HTML) 8 Page - Baumer IVO GmbH & Co. KG

Back Button ES-21 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 5Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 6Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 7Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 8Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 9Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 10Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 11Page - Baumer IVO GmbH & Co. KG ES-21 Datasheet HTML 12Page - Baumer IVO GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.baumerelectric.com
674
20
,7
2,5
8
ø
12
33
,8
1,5
12
ø
34
,3
1,5
16
21
,2
4,5
21
35
˚
26,6
1,5
14
3,1
M6
SW 8
SW 10
20
180˚
4,7
360˚
250˚
Mounting kits SENSOFIX
SENSOFIX - Base module
• Sensor can be aligned in any direction
• Quick and secure mounting
• Several mounting variations
max. torque
3 Nm
SENSOFIX - Mounting variations
• Can be mounted on panels, profiles
or sheets metal - anywhere an M 6
hole can be drilled
• Mountable on 8 mm diameter rails
• Mounting screws supplied with kit
SENSOFIX
Series 08 cylindrical
SENSOFIX
Series 12 cylindrical
Part number
149010
- clamps and mounting panel made of stainless steel
- ball pivots made of galvanized steel
Part number
151719
- clamps made of stainless steel
- ball pivots made of galvanized steel
- mounting panel made of stainless steel
Part number
151720
- clamps made of stainless steel
- ball pivots made of galvanized steel
- mounting panel made of stainless steel
SENSOFIX
Series 10 rectangular
Part number
150326
- clamps made of stainless steel
- ball pivots made of galvanized steel
- mounting panel made of stainless steel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com