Electronic Components Datasheet Search
  English  ▼

X  

AD5290 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5290
Description  Compact 30V/짹15V 256-Position Digital Potentiometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290 Datasheet(HTML) 5 Page - Analog Devices

  AD5290 Datasheet HTML 1Page - Analog Devices AD5290 Datasheet HTML 2Page - Analog Devices AD5290 Datasheet HTML 3Page - Analog Devices AD5290 Datasheet HTML 4Page - Analog Devices AD5290 Datasheet HTML 5Page - Analog Devices AD5290 Datasheet HTML 6Page - Analog Devices AD5290 Datasheet HTML 7Page - Analog Devices AD5290 Datasheet HTML 8Page - Analog Devices AD5290 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Preliminary Technical Data
AD5290
Rev. Pr C | Page 5 of 11
ABSOLUTE MAXIMUM RATINGS1
(TA = +25°C, unless otherwise noted.)
Table 3.
Parameter
Value
VDD to VSS
–0.3 V to +33 V
VDD to GND
–0.3 V to +33 V
VSS to GND
+0.3 V to –16.5 V
VA, VB, VW to GND
VSS , VDD
Maximum Current
IWB, IWA Pulsed
IWB Continuous (RWB ≤ 1 kΩ, A open)1
IWA Continuous (RWA ≤ 1 kΩ, B open)1
±20 mA
±5 mA
±5 mA
Digital Inputs Voltage to GND
VDD + 0.3 V
Digital Output Voltage to GND
0 V, +30 V
Operating Temperature Range
–40°C to +105°C
Maximum Junction Temperature (TJMAX)
150°C
Storage Temperature
–65°C to +150°C
Lead Temperature (Soldering, 10 – 30 sec)
245°C
Thermal Resistance2 θJA: MSOP-10
230°C/W
NOTES
1 Maximum terminal current is bounded by the maximum current handling
of the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance.
2 Package power dissipation = (TJMAX – TA)/θJA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com