Electronic Components Datasheet Search
  English  ▼

X  

AD5290 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5290
Description  Compact 30V/짹15V 256-Position Digital Potentiometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290 Datasheet(HTML) 2 Page - Analog Devices

  AD5290 Datasheet HTML 1Page - Analog Devices AD5290 Datasheet HTML 2Page - Analog Devices AD5290 Datasheet HTML 3Page - Analog Devices AD5290 Datasheet HTML 4Page - Analog Devices AD5290 Datasheet HTML 5Page - Analog Devices AD5290 Datasheet HTML 6Page - Analog Devices AD5290 Datasheet HTML 7Page - Analog Devices AD5290 Datasheet HTML 8Page - Analog Devices AD5290 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Preliminary Technical Data
AD5290
Rev. Pr C | Page 2 of 11
ELECTRICAL CHARACTERISTICS—10 kΩ, 50 kΩ, 100 kΩ VERSIONS
(VDD/VSS = ±15V±10% or ±5V±10%, VA = +VDD, VB = VSS/0V, -40°C < TA < +105°C unless otherwise noted)
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resistor Differential Nonlinearity2
R-DNL
RWB, VA = no connect
–1
±0.1
+1
LSB
Resistor Integral Nonlinearity2
R-INL
RWB, VA = no connect
–2
±0.25
+2
LSB
Nominal Resistor Tolerance3
∆RAB
TA = 25°C
–30
+30
%
Resistance Temperature Coefficient
(∆RAB/RAB)/∆T*106
VAB = VDD,
Wiper = no connect
35
ppm/°C
Wiper Resistance
RW
VDD = 30 V
50
120
Ω
VDD = 5 V
200
400
Ω
DC CHARACTERISTICS—POTENTIOMETER DIVIDER MODE
Resolution
N
8
Bits
Differential Nonlinearity4
DNL
–1
±0.1
+1
LSB
Integral Nonlinearity4
INL
–1
±0.3
+1
LSB
Voltage Divider Temperature Coefficient
(∆VW/VW)/∆T*106
Code = 0x80
5
ppm/°C
Full-Scale Error
VWFSE
Code = 0xFF
–3
–1
0
LSB
Zero-Scale Error
VWZSE
Code = 0x00
0
1
3
LSB
RESISTOR TERMINALS
Voltage Range5
VA,B,W
VSS
VDD
V
Capacitance6 A, B
CA,B
f = 1 MHz, measured to
GND, Code = 0x80
45
pF
Capacitance6 W
CW
f = 1 MHz, measured to
GND, Code = 0x80
60
pF
Common-Mode Leakage
ICM
VA = VB = VW
1
nA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
VDD = +5V or +15V
2.4
V
Input Logic Low
VIL
VDD = +5V or +15V
0.8
V
Output Logic High
VOH
RL = 2.2 kΩ to +5 V
4.9
V
Output Logic Low
VOL
IOL = 1.6mA, VLOGIC = +5V,
VDD = +15V
0.4
V
Input Current
II
VIN = 0 V or +15 V
±1
µA
Input Capacitance
CI
5
pF
POWER SUPPLIES
Power Supply Range
VDD/VSS
Dual Supply Range
±2.7
±16.5
V
Power Supply Range
VDD
Single Supply Range, VSS =
0 V
+2.7
+30
V
Supply Current6
IDD
VIH = 5 V or VIL = 0 V, VDD =
+5 V
0.1
10
µA
Supply Current
IDD
VIH = 5 V or VIL = 0 V, VDD =
+15 V
0.75
2
mA
Supply Current
ISS
VIH = 5 V or VIL = 0 V, VSS = -
5 V or –15 V
0.02
0.1
mA
Power Dissipation7
PDISS
VIH = 5 V or VIL = 0 V, VDD =
+15 V, VSS = -15 V
11
30
mW
Power Supply Sensitivity
PSS
∆V
DD = +15V ±10%, or
∆V
SS = -15V ±10%, Code =
Midscale
±0.01
±0.02
%/%
DYNAMIC CHARACTERISTICS6, 8
Bandwidth –3dB
BW
RAB = 10 kΩ/50 kΩ/100 kΩ,
Code = 0x80
525/125/60
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com