Electronic Components Datasheet Search
  English  ▼

X  

MAX1157ACUI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1157ACUI
Description  14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1157ACUI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1157ACUI Datasheet HTML 1Page - Maxim Integrated Products MAX1157ACUI Datasheet HTML 2Page - Maxim Integrated Products MAX1157ACUI Datasheet HTML 3Page - Maxim Integrated Products MAX1157ACUI Datasheet HTML 4Page - Maxim Integrated Products MAX1157ACUI Datasheet HTML 5Page - Maxim Integrated Products MAX1157ACUI Datasheet HTML 6Page - Maxim Integrated Products MAX1157ACUI Datasheet HTML 7Page - Maxim Integrated Products MAX1157ACUI Datasheet HTML 8Page - Maxim Integrated Products MAX1157ACUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
14-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND .........................................................-0.3V to +6V
DVDD to DGND.........................................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
AIN to AGND .....................................................-16.5V to +16.5V
REF, REFADJ to AGND............................-0.3V to (AVDD + 0.3V)
CS, R/C, RESET to DGND ........................................-0.3V to +6V
D_, EOC to DGND ...................................-0.3V to (DVDD + 0.3V)
Maximum Continuous Current Into Any Pin ........................50mA
Continuous Power Dissipation (TA = +70°C)
28-Pin TSSOP (derate 12.8mW/°C above +70°C) .....1026mW
Operating Temperature Range
MAX11_ _ _CUI ...................................................0°C to +70°C
MAX11_ _ _EUI ................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = +5V ±5%, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
RES
14
Bits
Differential Nonlinearity
DNL
No missing codes over temperature
-1
+1
LSB
MAX11_ _A
-1
+1
Integral Nonlinearity
INL
MAX11_ _B
-2
+2
LSB
RMS noise, external reference
0.32
Transition Noise
Internal reference
0.34
LSBRMS
MAX1159
-10
0
+10
Offset Error
MAX1157/MAX1175
-10
+10
mV
Gain Error
0
±0.2
%FSR
Offset Drift
16
µV/°C
Gain Drift
±1
ppm/°C
AC ACCURACY (fIN = 1kHz, VAIN = full range, 135ksps)
Signal-to-Noise Plus Distortion
SINAD
81
85
dB
Signal-to-Noise Ratio
SNR
82
85
dB
Total Harmonic Distortion
THD
-100
-86
dB
Spurious-Free Dynamic Range
SFDR
87
103
dB
ANALOG INPUT
MAX1157
0
+10
MAX1159
-10
+10
Input Range
VAIN
MAX1175
-5
+5
V
MAX1157/MAX1175
Normal operation
5.3
6.9
9.2
MAX1175
Shutdown mode
3
MAX1157
Shutdown mode
5.3
Normal operation
7.8
10
13.0
Input Resistance
RAIN
MAX1159
Shutdown mode
6
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com