Electronic Components Datasheet Search
  English  ▼

X  

MAX1157ACUI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1157ACUI
Description  14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1157ACUI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1157ACUI Datasheet HTML 1Page - Maxim Integrated Products MAX1157ACUI Datasheet HTML 2Page - Maxim Integrated Products MAX1157ACUI Datasheet HTML 3Page - Maxim Integrated Products MAX1157ACUI Datasheet HTML 4Page - Maxim Integrated Products MAX1157ACUI Datasheet HTML 5Page - Maxim Integrated Products MAX1157ACUI Datasheet HTML 6Page - Maxim Integrated Products MAX1157ACUI Datasheet HTML 7Page - Maxim Integrated Products MAX1157ACUI Datasheet HTML 8Page - Maxim Integrated Products MAX1157ACUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
14-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
4
_______________________________________________________________________________________
Note 1: Maximum specification is limited by automated test equipment.
Note 2: To ensure best performance, finish reading the data and wait tBR before starting a new acquisition.
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +5V ±5%, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Analog Supply Voltage
AVDD
4.75
5.25
V
Digital Supply Voltage
DVDD
2.70
5.25
V
MAX1157
2.9
External reference,
135ksps
MAX1159/MAX1175
4.0
5.3
MAX1157
3.8
Analog Supply Current
IAVDD
Internal reference,
135ksps
MAX1159/MAX1175
5.2
6.2
mA
Shutdown mode (Note 1), digital input =
DVDD or 0V
0.5
5
µA
Shutdown Supply Current
ISHDN
Standby mode
3.7
mA
Digital Supply Current
IDVDD
0.75
mA
Power-Supply Rejection
AVDD = DVDD = +4.75V to +5.25V
1
LSB
TIMING CHARACTERISTICS (Figures 1 and 2)
(AVDD = +4.75V to +5.25V, DVDD = +2.7V to AVDD, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD,
CLOAD = 20pF, TA = TMIN to TMAX.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Sampling Rate
fSAMPLE-MAX
135
ksps
Acquisition Time
tACQ
2µs
Conversion Time
tCONV
4.7
µs
CS Pulse Width High
tCSH
(Note 2)
40
ns
DVDD = +4.75V to +5.25V
40
CS Pulse Width Low
tCSL
(Note 2)
DVDD = +2.7V to +5.25V
60
ns
R/C to CS Fall Setup Time
tDS
0ns
DVDD = +4.75V to +5.25V
40
R/C to CS Fall Hold Time
tDH
DVDD = +2.7V to +5.25V
60
ns
DVDD = +4.75V to +5.25V
40
CS to Output Data Valid
tDO
DVDD = +2.7V to +5.25V
80
ns
EOC Fall to CS Fall
tDV
0ns
DVDD = +4.75V to +5.25V
40
CS Rise to EOC Rise
tEOC
DVDD = +2.7V to +5.25V
80
ns
DVDD = +4.75V to +5.25V
40
Bus Relinquish Time
tBR
DVDD = +2.7V to +5.25V
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com