Electronic Components Datasheet Search
  English  ▼

X  

NT5DS32M4AT Datasheet(PDF) 13 Page - Nanya Technology Corporation.

Part # NT5DS32M4AT
Description  128Mb Double Data Rate SDRAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5DS32M4AT Datasheet(HTML) 13 Page - Nanya Technology Corporation.

Back Button NT5DS32M4AT Datasheet HTML 9Page - Nanya Technology Corporation. NT5DS32M4AT Datasheet HTML 10Page - Nanya Technology Corporation. NT5DS32M4AT Datasheet HTML 11Page - Nanya Technology Corporation. NT5DS32M4AT Datasheet HTML 12Page - Nanya Technology Corporation. NT5DS32M4AT Datasheet HTML 13Page - Nanya Technology Corporation. NT5DS32M4AT Datasheet HTML 14Page - Nanya Technology Corporation. NT5DS32M4AT Datasheet HTML 15Page - Nanya Technology Corporation. NT5DS32M4AT Datasheet HTML 16Page - Nanya Technology Corporation. NT5DS32M4AT Datasheet HTML 17Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
NT5DS32M4AT
NT5DS16M8AT
128Mb Double Data Rate SDRAM
REV 1.0
05/2001
13
©
NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Extended Mode Register Definition
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Bus
Drive Strength
A1
Drive Strength
0
Normal
1
Reserved
BA1
BA0
Operating Mode
A11
A10
A9
0*
1*
* BA0 and BA1 must be 1, 0 to select the Extended Mode Register
Mode Register
Extended
DS
DLL
A0
DLL
0
Enable
1Disable
A11 - A3
A2 - A0
Operating Mode
0
Valid
Normal Operation
−−
All other states
Reserved
(vs. the base Mode Register)
QFC
A2
QFC
0
Disable
1
Enable
(Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com