Electronic Components Datasheet Search
  English  ▼

X  

NT5DS32M4AT Datasheet(PDF) 52 Page - Nanya Technology Corporation.

Part # NT5DS32M4AT
Description  128Mb Double Data Rate SDRAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5DS32M4AT Datasheet(HTML) 52 Page - Nanya Technology Corporation.

Back Button NT5DS32M4AT Datasheet HTML 48Page - Nanya Technology Corporation. NT5DS32M4AT Datasheet HTML 49Page - Nanya Technology Corporation. NT5DS32M4AT Datasheet HTML 50Page - Nanya Technology Corporation. NT5DS32M4AT Datasheet HTML 51Page - Nanya Technology Corporation. NT5DS32M4AT Datasheet HTML 52Page - Nanya Technology Corporation. NT5DS32M4AT Datasheet HTML 53Page - Nanya Technology Corporation. NT5DS32M4AT Datasheet HTML 54Page - Nanya Technology Corporation. NT5DS32M4AT Datasheet HTML 55Page - Nanya Technology Corporation. NT5DS32M4AT Datasheet HTML 56Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
NT5DS32M4AT
NT5DS16M8AT
128Mb Double Data Rate SDRAM
REV 1.0
05/2001
52
©
NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Normal Strength Driver Pulldown and Pullup Characteristics
1. The full variation in driver pulldown current from minimum to maximum process, temperature and voltage will lie within the
outer bounding lines of the V-I curve.
2. It is recommended that the “typical” IBIS pulldown V-I curve lie within the shaded region of the V-I curve.
3. The full variation in driver pullup current from minimum to maximum process, temperature and voltage will lie within the
outer bounding lines of the V-I curve.
4. It is recommended that the “typical” IBIS pullup V-I curve lie within the shaded region of the V-I curve.
IOHW
Output Current: Weak Strength Driver
High current (VOUT= VDDQ -0.763V, min VREF, min VTT)
Low current (VOUT= 0.763V, max VREF, max VTT)
− 9.0
mA
1
IOLW
9.0
Normal Strength Driver Pulldown Characteristics
DC Electrical Characteristics and Operating Conditions
(0°C
≤ TA ≤ 70°C; VDDQ = 2.5V ± 0.2V, VDD = + 2.5V ± 0.2V, see AC Characteristics)
Symbol
Parameter
Min
Max
Units
Notes
1. Inputs are not recognized as valid until VREF stabilizes.
2. VREF is expected to be equal to 0.5 VDDQ of the transmitting device, and to track variations in the DC level of the same. Peak-to-peak
noise on VREF may not exceed ± 2% of the DC value.
3. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF, and
must track variations in the DC level of VREF.
4. VID is the magnitude of the difference between the input level on CK and the input level on CK
5. The ratio of the pullup current to the pulldown current is specified for the same temperature and voltage, over the entire tempera-ture and
voltage range, for device drain to source voltages for 0.25 volts to 1.0 volts. For a given output, it represents the maximum difference
between pullup and pulldown drivers due to process variation.
0
2.7
0
140
VOUT (V)
Maximum
Typical High
Typical Low
Minimum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com