Electronic Components Datasheet Search
  English  ▼

X  

USB2512 Datasheet(PDF) 6 Page - Microchip Technology

Part # USB2512
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512 Datasheet(HTML) 6 Page - Microchip Technology

Back Button USB2512 Datasheet HTML 2Page - Microchip Technology USB2512 Datasheet HTML 3Page - Microchip Technology USB2512 Datasheet HTML 4Page - Microchip Technology USB2512 Datasheet HTML 5Page - Microchip Technology USB2512 Datasheet HTML 6Page - Microchip Technology USB2512 Datasheet HTML 7Page - Microchip Technology USB2512 Datasheet HTML 8Page - Microchip Technology USB2512 Datasheet HTML 9Page - Microchip Technology USB2512 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
USB251xB/xBi
DS00001692C-page 6
 2010 - 2015 Microchip Technology Inc.
2.0
BLOCK DIAGRAM
FIGURE 2-1:
USB251XB/XBI HUB FAMILY BLOCK DIAGRAM
3.3 V
Upstream
PHY
Repeater
Controller
SCK
SDA
PHY#1
3.3 V
PLL
VDDA
VDDCR
Serial
interface
engine
Serial
interface
Port
controller
Port
power
USB data
downstream
Port
power
OC
sense
switch/
LED
drivers
USB data
downstream
Routing and port re-ordering logic
1.2 V reg
Bus-
power
detect/
Vbus pulse
1.2 V reg
24 MHz
crystal
Upstream
USB data
To upstream
VBUS
To I
2C EEPROM or
SMBus master
PHY#x
Port #x
OC sense
switch driver/
LED drivers
TT
#x
TT
#1
...
Port #1
OC sense
switch driver/
LED drivers
OC
sense
switch/
LED
drivers
...
x indicates the number of available downstream ports: 2, 3, or 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com