Electronic Components Datasheet Search
  English  ▼

X  

USB2512 Datasheet(PDF) 13 Page - Microchip Technology

Part # USB2512
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512 Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB2512 Datasheet HTML 9Page - Microchip Technology USB2512 Datasheet HTML 10Page - Microchip Technology USB2512 Datasheet HTML 11Page - Microchip Technology USB2512 Datasheet HTML 12Page - Microchip Technology USB2512 Datasheet HTML 13Page - Microchip Technology USB2512 Datasheet HTML 14Page - Microchip Technology USB2512 Datasheet HTML 15Page - Microchip Technology USB2512 Datasheet HTML 16Page - Microchip Technology USB2512 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 13
USB251xB/xBi
SERIAL PORT INTERFACES
SDA/
I/OSD12
Serial Data Signal
SMBDATA/
System Management Bus Signal
NON_REM1
Non-Removable Port 1 Strap Option: when enabled by package and configuration
options (see Table 5-1 on page 19), this pin will be sampled (in conjunction with
LOCAL_PWR/SUSP_IND/NON_REM0) at RESET_N negation to determine if
ports [x:1] contain permanently attached (non-removable) devices:
NON_REM[1:0] = 00 : all ports are removable
NON_REM[1:0] = 01 : port 1 is non-removable
NON_REM[1:0] = 10 : ports 1 and 2 are non-removable
NON_REM[1:0] = 11 : when available, ports 1, 2, and 3 are non-removable
When NON_REM[1:0] is chosen such that there is a non-removable device, the
hub will automatically report itself as a compound device (using the proper
descriptors).
RESET_N
IS
RESET Input: the system can reset the chip by driving this input low. The
minimum active low pulse is 1
s.
SCL/
I/OSD12
Serial Clock (SCL)
SMBCLK/
System Management Bus Clock
CFG_SEL0
Configuration Select: the logic state of this multifunction pin is internally latched
on the rising edge of RESET_N (RESET_N negation), and will determine the hub
configuration method as described in Table 5-1.
HS_IND/
I/O12
Hi-Speed Upstream Port Indicator: upstream port connection speed.
Asserted = the hub is connected at HS
Negated = the hub is connected at FS
Note:
When implementing an external LED on this pin, the active state is
indicated above and outlined in Section 3.3.1.3, on page 15.
CFG_SEL1
Configuration Programming Select 1: the logic state of this pin is internally latched
on the rising edge of RESET_N (RESET_N negation), and will determine the hub
configuration method as described in Table 5-1.
MISC
XTALIN
ICLKx
Crystal Input: 24 MHz crystal.
This pin connects to either one terminal of the crystal or to an external 24 MHz
clock when a crystal is not used.
CLKIN
External Clock Input: this pin connects to either one terminal of the crystal or to
an external 24 MHz clock when a crystal is not used.
XTALOUT
OCLKx
Crystal Output: this is the other terminal of the crystal circuit with 1.2 V p-p output
and a weak (< 1mA) driving strength. When an external clock source is used to
drive XTALIN/CLKIN, leave this pin unconnected, or use with appropriate
caution.
TABLE 3-2:
USB251XB/XBI PIN DESCRIPTIONS (CONTINUED)
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com