Electronic Components Datasheet Search
  English  ▼

X  

BW50RAM-3P032 Datasheet(PDF) 38 Page - Fuji Electric

Part # BW50RAM-3P032
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM-3P032 Datasheet(HTML) 38 Page - Fuji Electric

Back Button BW50RAM-3P032 Datasheet HTML 34Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 35Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 36Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 37Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 38Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 39Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 40Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 41Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 42Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 93 page
background image
06/38
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
n
Arc space, mm
Arc space
C
F
Frame
size
32A
50A
63A
100A
125A
160A
250A
400A
630A
800A
MCCB
basic type
BW32
A
BW32S
BW50
A
BW50E
BW50S
BW50R
BW50H
BW63E
BW63S
BW63R
BW100A
BW100E
BW125J
BW125S
BW125R
BW125H
BW160E
BW160J
BW160S
BW160R
BW250E
BW250J
BW250S
BW250R
BW250H
BW400E
BW400S
BW400R
BW400H
BW630E
BW630R
BW630H
BW800E
BW800R
BW800H
Ceiling distance
A
440V
–
10
–
10
30
50
60
10
30
50
–
50
40
40
40
60
40
40
40
40
40
40
40
40
60
100
100
100
100
100
100
120
100
100
120
230V
10
10
10
10
10
25
60
10
10
25
10
25
40
40
40
60
40
40
40
40
40
40
40
40
60
80
80
80
80
80
80
100
80
80
100
Vertical distance
B
440V
–
30
–
30
40
50
80
30
40
50
–
50
50
60
60
80
50
60
80
80
50
60
80
80
80
100
100
100
100
100
100
120
100
100
120
230V
10
30
10
30
40
50
80
30
40
50
20
50
50
60
60
80
50
60
80
80
50
60
80
80
80
80
80
80
80
80
80
100
80
80
100
Side plate
distance
C
440V
–
20
–
25
25
25
50
25
25
25
–
25
25
25
25
50
50
50
50
50
50
50
50
50
60
50
50
80
80
80
80
80
80
80
80
230V
10
15
10
15
15
15
20
15
15
15
15
15
20
20
20
20
15
20
20
20
15
20
20
20
60
20
20
40
40
40
40
40
40
40
40
Front plate distance
Painted
F
440V
–
0
–
0
0
0
5
0
0
0
–
0
0
5
5
5
0
0
5
5
0
0
5
5
5
0
0
5
5
0
5
5
0
5
5
230V
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Taping
Crimp type
terminal lug
D1
Bus-bar
D2
10
30
10
30
30
50
80
30
30
50
50
50
50
50
50
80
80
80
80
80
80
80
80
80
80
100
100
100
100
100
100
120
100
100
120
Barrier
D3
10
30
10
30
30
50
80
30
30
50
50
50
50
50
50
80
80
80
80
80
80
80
80
80
80
100
100
100
100
100
100
120
100
100
120
No painted
F
440V
–
0
–
0
0
10
10
0
0
10
–
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
20
20
10
20
20
10
20
20
230V
0
0
0
0
0
5
5
0
0
5
0
5
5
5
5
5
5
5
10
10
5
5
10
10
10
5
5
10
10
5
10
10
5
10
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com