Electronic Components Datasheet Search
  English  ▼

X  

BW50RAM-3P032 Datasheet(PDF) 61 Page - Fuji Electric

Part # BW50RAM-3P032
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM-3P032 Datasheet(HTML) 61 Page - Fuji Electric

Back Button BW50RAM-3P032 Datasheet HTML 57Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 58Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 59Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 60Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 61Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 62Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 63Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 64Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 65Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 93 page
background image
06/61
06
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
BW32, 50, 63, 100
BW125
n
Characteristic curves / Motor protection
-10
0
10
20
30
40
50
400
300
350
250
200
150
100
50
Reference temp. 40
Ambient temperature ( )
Temperature correction curve
0.01
0.02
0.04
0.06
0.1
0.2
0.4
0.6
1
2
4
6
10
20
40
1
2
4
6
10
20
40
60
120
180
1 1.5 2
3 4 5 6 78 10 15 20 30 4050 70 100
Muitiple of rated current
Instantaneous
tripping
characteristic
960%-1440%
Max. value
Min. value
• 16A
• 24A
• 32A
• 40-90A
Temperature correction curve
• 15-32A
1
2
4
6
1
2
4
6
0.01
0.02
0.04
0.06
0.1
0.2
0.4
0.6
10
20
40
10
20
40
60
120
180
1 1.5 2
3 4 5 6 78 10 15 20 30 40 5060 80100
Muitiple of rated current
Muitiple of rated current
Muitiple of rated current
Muitiple of rated current
1
2
4
6
1
2
4
6
0.01
0.02
0.04
0.06
0.1
0.2
0.4
0.6
10
20
40
10
20
40
60
120
180
1 1.5 2
3 4 5 6 7 8 10 15 20 30 40 50 6080 100
1
2
4
6
1
2
4
6
0.01
0.02
0.04
0.06
0.1
0.2
0.4
0.6
10
20
40
10
20
40
60
120
180
1 1.5 2
3 4 5 6 7 8 10 15 20 30 40 5060 80 100
1
2
4
6
1
2
4
6
0.01
0.02
0.04
0.06
0.1
0.2
0.4
0.6
10
20
40
10
20
40
60
120
180
1 1.5 2
3 4 5 6 78 10 15 20 30 40 5060 80 100
−10
10
0
20
30
40
50
50
100
150
• 40-125A
-10
10
0
20
30
40
50
50
100
150
Reference temp. 40°C
Reference temp. 40°C
Ambient temp. (°C)
Ambient temp. (°C)
Max. value
Max. value
Max. value
Max. value
Min. value
Min. value
Min. value
Min. value
Max. total fault
clearing time
Max. total fault
clearing time
Max. total fault
clearing time
Max. total fault
clearing time
Instantaneous
tripping
characteristic
500A±100A
Instantaneous
tripping
characteristic
1200-1800%
Instantaneous
tripping
characteristic
500A±100A
Instantaneous
tripping
characteristic
500A±100A
Characteristic curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com