Electronic Components Datasheet Search
  English  ▼

X  

HWD20012 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HWD20012
Description  High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HWD20012 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HWD20012 Datasheet HTML 5Page - List of Unclassifed Manufacturers HWD20012 Datasheet HTML 6Page - List of Unclassifed Manufacturers HWD20012 Datasheet HTML 7Page - List of Unclassifed Manufacturers HWD20012 Datasheet HTML 8Page - List of Unclassifed Manufacturers HWD20012 Datasheet HTML 9Page - List of Unclassifed Manufacturers HWD20012 Datasheet HTML 10Page - List of Unclassifed Manufacturers HWD20012 Datasheet HTML 11Page - List of Unclassifed Manufacturers HWD20012 Datasheet HTML 12Page - List of Unclassifed Manufacturers HWD20012 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LBI and LBO. For VTRIP less than 1.3V, configure the
comparator as shown in Figure 8. Calculate the value of
the external resistors R3 and R4 as follows:
R3 = R4(VREF - VTRIP) / (VOUT - VREF)
Since the low-battery comparator is noninverting, exter-
nal hysteresis can be added by connecting a resistor
between LBO and LBI as shown in Figure 9. When LBO
is high, the series combination of R2 and R7 source
current into the LBI summing junction.
Applications Information
Inductor Selection
An inductor value of 22µH performs well in most appli-
cations. The HWD20011/HWD2001/HWD20012 will
also work with inductors in the 10µH to 47µH range. Smaller
inductance values typically offer a smaller physical size
for a given series resistance, allowing the smallest
overall circuit dimensions. However, due to higher peak
inductor currents, the output voltage ripple (IPEAK x
output filter capacitor ESR) also tends to be higher.
Circuits using larger inductance values exhibit higher
output current capability and larger physical dimen-
sions for a given series resistance. The inductor’s incre-
mental saturation current rating should be greater than
the peak switch-current limit, which is 1A for the
HWD20011, 500mA for the HWD2001, and 1A or 0.5A for
the HWD20012. However, it is generally acceptable to
bias the inductor into saturation by as much as 20%,
although this will slightly reduce efficiency. Table 1 lists
suggested components.
The inductor’s DC resistance significantly affects effi-
ciency. See Table 2 for a comparison of inductor speci-
fications. Calculate the maximum output current as
follows:
where IOUT(MAX) = maximum output current in amps
VIN = input voltage
L = inductor value in µH
η = efficiency (typically 0.9)
tOFF = LX switch’s off-time in µs
ILIM = 0.5A or 1.0A
I
V
V
It
VV
xL
OUT MAX
IN
OUT
LIM
OFF
OUT
IN
() =
–
–
2
η
High-Efficiency, Low-Supply-Current,
Compact, Step-Up DC-DC Converters
10
HWD20011
HWD2001
HWD20012
BATT
(HWD20012)
VIN
LBI
REF
GND
R3
R1
200
Ω
R4
22
µH
47
µF
0.1
µF
LX
LBO
VOUT
FB
R2
100k
SHDN
OUT
CLSEL
(HWD20012)
LOW-
BATTERY
OUTPUT
0.1
µF
47
µF
Figure 8. Setting Resistor Values for the Low-Battery Indicator
when VIN < 1.3V
HWD20011
HWD2001
HWD20012
LBI
GND
VTRIP (VH, VL)
R3
R4
R7
VH IS THE UPPER TRIP LEVEL
VL IS THE LOWER TRIP LEVEL
WHERE
R2
100k
LBO
OUT
VOUT
0.1
µF
47
µF
V
= 1.3V
V
= 1.3V
H
L
() ++
() +−
−
+
(
.
)
(.
) (
)
1
3
7
3
4
1
3
4
13
3
13
2
7
R
R
R
R
R
R
VV R
VR
R
OUT
Figure 9. Adding External Hysteresis to the Low-Battery
Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com