Electronic Components Datasheet Search
  English  ▼

X  

HWD20012 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HWD20012
Description  High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HWD20012 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HWD20012 Datasheet HTML 1Page - List of Unclassifed Manufacturers HWD20012 Datasheet HTML 2Page - List of Unclassifed Manufacturers HWD20012 Datasheet HTML 3Page - List of Unclassifed Manufacturers HWD20012 Datasheet HTML 4Page - List of Unclassifed Manufacturers HWD20012 Datasheet HTML 5Page - List of Unclassifed Manufacturers HWD20012 Datasheet HTML 6Page - List of Unclassifed Manufacturers HWD20012 Datasheet HTML 7Page - List of Unclassifed Manufacturers HWD20012 Datasheet HTML 8Page - List of Unclassifed Manufacturers HWD20012 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
High-Efficiency, Low-Supply-Current,
Compact, Step-Up DC-DC Converters
4
Typical Operating Characteristics
(L = 22µH, CIN = 47µF, COUT = 47µF
 0.1µF, CREF = 0.1µF, TA = +25°C, unless otherwise noted.)
VLBO = 5.5V, VLBI = 5.5V
VSHDN = 0 or VOUT
HWD20012, CLSEL = OUT
CONDITIONS
µA
1
I LBO
LBO Off Leakage Current
nA
75
I SHDN
SHDN Input Current
µA
3
ICLSEL
CLSEL Input Current
UNITS
MIN
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = 2V, FB = OUT, RL =
∞, TA = -40°C to +85°C, unless otherwise noted.) (Note 4)
Note 1: Start-up voltage operation is guaranteed with the addition of a Schottky MBR0520 external diode between the input and
output.
Note 2: Steady-state output current indicates that the device maintains output voltage regulation under load. See Figures 5 and 6.
Note 3: Device is bootstrapped (power to the IC comes from OUT). This correlates directly with the actual battery supply.
Note 4: Specifications to -40°C are guaranteed by design, not production tested.
100
0
0.01
0.1
1
10
100
1000
EFFICIENCY vs. LOAD CURRENT
20
30
10
LOAD CURRENT (mA)
40
50
60
70
90
80
VIN = 1.2V
VOUT = 5V
ILIMIT = 500mA
VIN = 2.4V
VIN = 3.6V
100
0
0.01
0.1
1
10
100
1000
EFFICIENCY vs. LOAD CURRENT
20
30
10
LOAD CURRENT (mA)
40
50
60
70
90
80
VIN = 1.2V
VOUT = 5V
ILIMIT = 1A
VIN = 2.4V
VIN = 3.6V
100
0
0.01
0.1
1
10
100
1000
EFFICIENCY vs. LOAD CURRENT
20
30
10
LOAD CURRENT (mA)
40
50
60
70
90
80
VIN = 1.2V
VOUT = 3.3V
ILIMIT = 500mA
VIN = 2.4V
100
0
0.01
0.1
1
10
100
1000
EFFICIENCY vs. LOAD CURRENT
20
30
10
LOAD CURRENT (mA)
40
50
60
70
90
80
VIN = 1.2V
VOUT = 3.3V
ILIMIT = 1A
VIN = 2.4V
1.290
1.292
1.296
1.294
1.298
1.300
-40
0
-20
20
40
60
80
100
REFERENCE OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
IREF = 0
IREF = 100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com