Electronic Components Datasheet Search
  English  ▼

X  

MN65531AS Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MN65531AS
Description  Low Power 6-Bit CMOS A/D Converter for Image Processing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN65531AS Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MN65531AS Datasheet HTML 1Page - Panasonic Semiconductor MN65531AS Datasheet HTML 2Page - Panasonic Semiconductor MN65531AS Datasheet HTML 3Page - Panasonic Semiconductor MN65531AS Datasheet HTML 4Page - Panasonic Semiconductor MN65531AS Datasheet HTML 5Page - Panasonic Semiconductor MN65531AS Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
MN65531AS
A/D, D/C Converters for Image Signal Processing
Electrical Characteristics
DVDD=AVDD=5.0V, DVSS=AVSS=0V, Ta=25˚C
Parameter
Symbol
Conditions
min
typ
max
Unit
Power supply current
IDD
fCLK=20MHz
20
40
mA
Resolution
RES
6
bit
Linearity error
EL
±1.0
LSB
Differential linearity error
ED
±1.0
LSB
Maximum conversion rate
Fc(max.)
20
MSPS
Reference voltage output (bottom)
VRB
0.38
× V
DD
0.40
× V
DD
0.42
× V
DD
V
Reference voltage output (top)
VRT
0.78
× V
DD
0.80
× V
DD
0.82
× V
DD
V
Clamp current
ICP
∆V
CP ± 0.1V
±0.5
±0.8
mA
Output
"H" level
IOH
VOH=VDD– 0.8V
–2
mA
current
"L" level
IOL
VOL=0.4V
2
mA
Output delay time
td
CL=50pF
10
35
ns
Analog input capacitance
CI
15
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com