Electronic Components Datasheet Search
  English  ▼

X  

MN65531AS Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MN65531AS
Description  Low Power 6-Bit CMOS A/D Converter for Image Processing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN65531AS Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MN65531AS Datasheet HTML 1Page - Panasonic Semiconductor MN65531AS Datasheet HTML 2Page - Panasonic Semiconductor MN65531AS Datasheet HTML 3Page - Panasonic Semiconductor MN65531AS Datasheet HTML 4Page - Panasonic Semiconductor MN65531AS Datasheet HTML 5Page - Panasonic Semiconductor MN65531AS Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
A/D, D/C Converters for Image Signal Processing
MN65531AS
Low Power 6-Bit CMOS A/D Converter for Image Processing
Pin Assignment
Overview
The MN65531AS is a totally parallel 6-bit CMOS ana-
log-to-digital converter with a maximum conversion rate
of 20 MSPS. It includes a built-in 3-input multiplexer,
clamp circuit, and reference voltage power supply.
Features
Maximum conversion rate: 20 MSPS (min.)
Linearity error:
±0.5 LSB (typ.)
Differential linearity error:
±0.5 LSB (typ.)
Power supply voltage: 5.0
±0.5 V
Power consumption: 100 mW (typ.)
Built-in 3-input multiplexer, clamp circuit, and
reference voltage power supply
Applications
Digital television receivers
Digital video equipment
Picture in picture systems
Digital image processing equipment
VRB
VRT
ASM
B–YIN
R–YIN
YIN
AVSS
DVSS
SY
SR–Y
SB–Y
AVDD
DVDD
D6
D5
D4
D3
D2
D1
CLK
CCP
YCP
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
SOP022-P-0375
(TOP VIEW)


Similar Part No. - MN65531AS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN65543 PANASONIC-MN65543 Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
MN65543 PANASONIC-MN65543 Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
MN655431SH PANASONIC-MN655431SH Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
MN65543S PANASONIC-MN65543S Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
MN6556A PANASONIC-MN6556A Datasheet
58Kb / 6P
Low Power 8-Bit CMOS D/A Converters for Image Processing
More results

Similar Description - MN65531AS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN655431SH PANASONIC-MN655431SH Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
MN65543S PANASONIC-MN65543S Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
MN6556A PANASONIC-MN6556A Datasheet
58Kb / 6P
Low Power 8-Bit CMOS D/A Converters for Image Processing
MN657011H PANASONIC-MN657011H Datasheet
58Kb / 6P
Low Power 8-Bit, 3-Channel CMOS D/A Converter for Image Processing
MN657021F PANASONIC-MN657021F Datasheet
67Kb / 8P
Low Power 8-Bit, 3-Channel CMOS D/A Converter for Image Processing
MN65702H PANASONIC-MN65702H Datasheet
61Kb / 6P
Low Power 8-Bit, 3-Channel CMOS D/A Converter for Image Processing
MN65752H PANASONIC-MN65752H Datasheet
59Kb / 6P
Low Power 8-Bit, 2-Channel CMOS A/D Converter for Image Processing
MN65761T PANASONIC-MN65761T Datasheet
58Kb / 6P
Low Power 9-Bit CMOS A/D Converter for Image Processing
MN6576H PANASONIC-MN6576H Datasheet
57Kb / 6P
Low Power 9-Bit CMOS A/D Converter for Image Processing
MN65771F PANASONIC-MN65771F Datasheet
60Kb / 6P
Low Power 10-Bit 5 V CMOS A/D Converter for Image Processing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com