Electronic Components Datasheet Search
  English  ▼

X  

MA3000 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MA3000
Description  Silicon planar type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3000 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MA3000 Datasheet HTML 1Page - Panasonic Semiconductor MA3000 Datasheet HTML 2Page - Panasonic Semiconductor MA3000 Datasheet HTML 3Page - Panasonic Semiconductor MA3000 Datasheet HTML 4Page - Panasonic Semiconductor MA3000 Datasheet HTML 5Page - Panasonic Semiconductor MA3000 Datasheet HTML 6Page - Panasonic Semiconductor MA3000 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Zener Diodes
396
MA3091
8.5
9.1
9.6
8
MAZ3091-L
8.58
8.8
9.02
6
0.2
8
60
6
15
0.5 130 3.8 5.5
7
70
90
MAZ3091-M
8.87
9.1
9.33
8.3
MAZ3091-H
9.14
9.4
9.6
8.6
MAZ3100
9.4
10
10.6
8.9
MAZ3100-L
9.44
9.7
9.92
7
0.2
8.9
60
8
20
0.5 130 4.5 6.4
8
70
90
MAZ3100-M
9.75
10
10.25
9.2
MAZ3100-H
10.07 10.3 10.59
9.5
MAZ3110
10.4
11
11.6
9.9
MAZ3110-L
10.4
10.7 10.94
7
0.1
9.9
60
10
20
0.5 170 5.4 7.4
9
65
85
MAZ3110-M
10.73
11
11.28
10.2
MAZ3110-H
11.05 11.3
11.6
10.5
MAZ3120
11.4
12
12.7
10.9
MAZ3120-L
11.4
11.7 11.96
8
0.1
10.9
60
10
25
0.5 170
6
8.4
10
65
85
MAZ3120-M
11.73
12
12.33
11.2
MAZ3120-H
12.06 12.3 12.68
11.5
MAZ3130
12.4
13
14.1
11.9
MAZ3130-L
12.4
12.7 12.99
9
0.1
11.9
60
10
30
0.5 170
7
9.4
11
60
80
MAZ3130-M
12.73
13
13.4
12.2
MAZ3130-H
13.25 13.7 14.08
12.7
MAZ3140-M
13.65
14
14.35
9
0.1 13.1 60
10
30
0.5 170
7
10
13
60
80
MAZ3150
13.9
15
15.6
13.4
MAZ3150-L
13.9
14.3 14.76
10 0.05
13.4
60
10
30
0.5 170 9.2 11.4 13
55
75
MAZ3150-M
14.6
15
15.35
14.1
MAZ3150-H
14.95 15.3
15.6
14.4
MAZ3160
15.3
16
17.1
14.8
MAZ3160-L
15.3
15.7 16.09
11 0.05
14.8
60
10
40
0.5 170 10.4 12.4 14
52
75
MAZ3160-M
15.7
16
16.5
15.2
MAZ3160-H
16.26 16.7
17.1
15.7
MAZ3180
16.9
18
19.1
16.4
MAZ3180-L
16.9
17.3 17.76
13 0.05
16.4
60
10
45
0.5 170 12.4 14.4 16
47
70
MAZ3180-M
17.55
18
18.45
17
MAZ3180-H
18.2
18.7
19.1
17.7
MAZ3200
18.8
20
21.2
18.3
MAZ3200-L
18.85 19.3 19.81
14 0.05
18.3
60
15
55
0.5 180 14.4 16.4 18
36
60
MAZ3200-M
19.50
20
20.5
19
MAZ3200-H
20.15 20.7 21.19
19.6
MAZ3220
20.8
22
23.3
20.3
MAZ3220-L
20.8
21.3 21.86
15 0.05
20.3
60
20
55
0.5 180 16.4 18.4 20
34
60
MAZ3220-M
21.45
22
22.55
20.9
MAZ3220-H
22.1
22.7 23.24
21.6
MAZ3240
22.8
24
25.6
22.3
MAZ3240-L
22.8
23.3 23.97
17 0.05
22.3
60
25
70
0.5 180 18.4 20.4 22
33
55
MAZ3240-M
23.5
24
24.7
23
MAZ3240-H
24.35
25
25.6
23.8
I Electrical characteristics within part numbers (continued) T
a = 25
°C
•V
Z = 9.1 V to 24 V (IZ = 5 mA)
Part Number
Zener voltage
Reverse current
VZ (V)
IR1 (
µA) I
R2 (
µA) R
Z (
Ω)R
ZK (
Ω)S
Z (mV/
°C)
IZ = 5 mA
VR
VR
IZ = 5 mA IZ
IZ = 5 mA
Min
Nom Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
Marking Symbol
Ct (pF)
(VR = 0 V)
f = 1 MHz
Typ Max
MAZ3000 Series
9.1L or 9.1M or 9.1H
9.1L
9.1M
9.1H
10L or 10M or 10H
10L
10M
10H
11L or 11M or 11H
11L
11M
11H
12L or 12M or 12H
12L
12M
12H
13L or 13M or 13H
13L
13M
13H
14M
15L or 15M or 15H
15L
15M
15H
16L or 16M or 16H
16L
16M
16H
18L or 18M or 18H
18L
18M
18H
20L or 20M or 20H
20L or 20M or 20H
20M
20H
22L or 22M or 22H
22L
22M
22H
24L or 24M or 24H
24L
24M
24H
Temperature
coefficient of zener
voltage
Terminal
capacitance
Operating
resistance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com