Electronic Components Datasheet Search
  English  ▼

X  

MA3000 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA3000
Description  Silicon planar type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3000 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA3000 Datasheet HTML 1Page - Panasonic Semiconductor MA3000 Datasheet HTML 2Page - Panasonic Semiconductor MA3000 Datasheet HTML 3Page - Panasonic Semiconductor MA3000 Datasheet HTML 4Page - Panasonic Semiconductor MA3000 Datasheet HTML 5Page - Panasonic Semiconductor MA3000 Datasheet HTML 6Page - Panasonic Semiconductor MA3000 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
394
Zener Diodes
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 10 mA
0.8
0.9
V
Zener voltage*
2
VZ
IZ ·················· Specified value
V
Operating resistance
RZK
IZ ·················· Specified value
Ω
RZ
IZ ·················· Specified value
Ω
Reverse current
IR1
VR ··············· Specified value
µA
IR2
VR ··············· Specified value
µA
Temperature coefficient of zener voltage*
3
SZ
IZ ·················· Specified value
mV/
°C
Terminal capacitance
Ct
VR ··············· Specified value
pF
MAZ3000 Series (MA3000 Series)
Silicon planar type
For stabilization of power supply
I Features
• Mini type package (3-pin)
• Allowing to achieve a high-density set
• Sharp rising performance
• Wide voltage range: V
Z = 2.0 V to 36 V
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Average forward current
IF(AV)
100
mA
Instanious forward current
IFRM
200
mA
Total power dissipation*
1
Ptot
200
mW
Non-repetitive reverse surge
PZSM
15
W
power dissipation*
2
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
JEDEC : TO-236
EIAJ : SC-59
Mini3-G1 Package
Note) *1 : With a printed-circuit board
*2 : t = 100
µs, T
j = 150
°C
Marking Symbol
Refer to the list of the electrical
characteristics within part numbers
(Example) MAZ3020:
2.0
MAZ3082-H: 8.2H
Note) L/M/H marked products will be sup-
plied unless other wise specified
Internal Connection
I Common Electrical Characteristics T
a = 25°C
*1
Note) 1
.Rated input/output frequency: 5 MHz
 
2
.*1 : The VZ value is for the temperature of 25°C. In other cases, carry out the temperature compensation.
*2 : Guaranteed at 20 ms after power application.
*3 : Tj = 25°C to 150°C
Refer to the list of the
electrical characteristics
within part numbers
1 : Anode
2 : NC
2 : Cathode
0.40
+0.10
–0.05
2
1
3
(0.95) (0.95)
1.9±0.1
2.90
+0.20
–0.05
0.16
+0.10
–0.06
10
°
1
2
3
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - MA3000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3000 PANASONIC-MA3000 Datasheet
103Kb / 7P
Silicon planar type
MA3000 PANASONIC-MA3000 Datasheet
108Kb / 7P
Zener Diodes Silicon planar type
More results

Similar Description - MA3000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
Silicon planar type
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
Silicon planar type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com