Electronic Components Datasheet Search
  English  ▼

X  

HT46R48 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT46R48
Description  Cost-Effective A/D Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R48 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT46R48 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
HT46R48
Rev. 1.10
16
March 24, 2006
For output function, CMOS is the only configuration.
These control registers are mapped to locations 13H,
15H, 17H and 19H.
After a chip reset, these input/output lines remain at high
levels or floating state (dependent on pull-high options).
Each bit of these input/output latches can be set or
cleared by
²SET [m].i² and ²CLR [m].i² (m=12H, 14H,
16H or 18H) instructions.
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of port A has the capability of waking-up the
device.
Each I/O line has a pull-high option. Once the pull-high
option is selected, the I/O line has a pull-high resistor,
otherwise, there
¢s none. Take note that a non-pull-high
I/O line operating in input mode will cause a floating
state.
The PA3 is pin-shared with the PFD signal. If the PFD
option is selected, the output signal in output mode of
PA3 will be the PFD signal generated by the timer/event
counter overflow signal. The input mode always remain-
ing its original functions. Once the PFD option is se-
lected, the PFD output signal is controlled by PA3 data
register only. Writing
²1² to PA3 data register will enable
the PFD output function and writing
²0² will force the
PA3 to remain at
²0². The I/O functions of PA3 are
shown below.
I/O
Mode
I/P
(Normal)
O/P
(Normal)
I/P
(PFD)
O/P
(PFD)
PA3
Logical
Input
Logical
Output
Logical
Input
PFD
(Timer on)
Note:
The PFD frequency is the timer/event counter
overflow frequency divided by 2.
The PA5 and PA4 are pin-shared with INT and TMR pins
respectively.
The PB can also be used as A/D converter inputs. The
A/D function will be described later. There is a PWM
function shared with PD0. If the PWM function is en-
abled, the PWM signal will appear on PD0 (if PD0 is op-
erating in output mode). Writing
²1² to PD0 data register
will enable the PWM output function and writing
²0² will
force the PD0 to remain at
²0². The I/O functions of PD0
are as shown.
I/O
Mode
I/P
(Normal)
O/P
(Normal)
I/P
(PWM)
O/P
(PWM)
PD0
Logical
Input
Logical
Output
Logical
Input
PWM
It is recommended that unused or not bonded out I/O
lines should be set as output pins by software instruction
to avoid consuming power under input floating state.
PWM
The microcontroller provides 1 channel (6+2) bits PWM
output shared with PD0. The PWM channel has its data
register denoted as PWM (1AH). The frequency source
of the PWM counter comes from fSYS. The PWM register
is an eight bits register. The waveforms of PWM output
are as shown. Once the PD0 is selected as the PWM
output and the output function of PD0 is enabled
(PDC.0=
²0²), writing 1 to PD0 data register will enable
the PWM output function and writing
²0² will force the
PD0 to stay at
²0².
A PWM cycle is divided into four modulation cycles
(modulation cycle 0~modulation cycle 3). Each modula-
tion cycle has 64 PWM input clock period. In a (6+2) bit
PWM function, the contents of the PWM register is di-
vided into two groups. Group 1 of the PWM register is
denoted by DC which is the value of PWM.7~PWM.2.
The group 2 is denoted by AC which is the value of
PWM.1~PWM.0.
In a PWM cycle, the duty cycle of each modulation cycle
is shown in the table.
Parameter
AC (0~3)
Duty Cycle
Modulation cycle i
(i=0~3)
i<AC
DC+1
64
i
³AC
DC
64
The modulation frequency, cycle frequency and cycle
duty of the PWM output signal are summarized in the
following table.
PWM
Modulation
Frequency
PWM Cycle
Frequency
PWM Cycle
Duty
fSYS/64
fSYS/256
[PWM]/256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com