Electronic Components Datasheet Search
  English  ▼

X  

HT46R48 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT46R48
Description  Cost-Effective A/D Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R48 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT46R48 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
Package Information
24-pin SKDIP (300mil) Outline Dimensions
Symbol
Dimensions in mil
Min.
Nom.
Max.
A
1235
¾
1265
B
255
¾
265
C
125
¾
135
D
125
¾
145
E16
¾
20
F50
¾
70
G
¾
100
¾
H
295
¾
315
I
345
¾
360
a
0
°¾
15
°
HT46R48
Rev. 1.10
37
March 24, 2006
2 4
1
1 3
1 2
a
A
B
C
D
E
F
G
H
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com