Electronic Components Datasheet Search
  English  ▼

X  

HT49C70L Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT49C70L
Description  LCD Type 8-Bit MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C70L Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT49C70L Datasheet HTML 9Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 10Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 11Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 12Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 13Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 14Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 15Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 16Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
HT49R70A-1/HT49C70-1/HT49C70L
Rev. 2.00
13
April 24, 2006
clock interrupt bit (ERTI), and enable time base interrupt
bit (ETBI), enable Timer/Event Counter 1 interrupt bit
(ET1I) on the other hand, constitute the Interrupt Control
register 1 (INTC1) which is located at 1EH in the RAM.
EMI, EEI0, EEI1, ET0I, ET1I, ETBI, and ERTI are all
used to control the enable/disable status of interrupts.
These bits prevent the requested interrupt from being
serviced. Once the interrupt request flags (RTF, TBF,
T0F, T1F, EIF1, EIF0) are all set, they remain in the
INTC1 or INTC0 respectively until the interrupts are ser-
viced or cleared by a software instruction.
It is recommended that a program should not use the
²CALL subroutine² within the interrupt subroutine. It¢sbe-
cause interrupts often occur in an unpredictable manner
or require to be serviced immediately in some applica-
tions. During that period, if only one stack is left, and en-
abling the interrupt is not well controlled, operation of the
²call² in the interrupt subroutine may damage the origi-
nal control sequence.
Oscillator Configuration
These devices provide three oscillator circuits for sys-
tem clocks, i.e., RC oscillator, crystal oscillator and
32768Hz crystal oscillator, determined by options. No
matter what type of oscillator is selected, the signal is
used for the system clock. The HALT mode stops the
system oscillator (RC and crystal oscillator only) and ig-
nores external signal in order to conserve power. The
32768Hz crystal oscillator (system oscillator) still runs at
HALT mode. If the 32768Hz crystal oscillator is selected
as the system oscillator, the system oscillator is not
stopped; but the instruction execution is stopped. Since
the system oscillator or oscillator) is also designed for
timing purposes, the internal timing (RTC, time base,
WDT) operation still runs even if the system enters the
HALT mode.
Of the three oscillators, if the RC oscillator is used, an
external resistor between OSC1 and VSS is required,
and the range of the resistance should be from 24k
W to
1M
W for HT49R70A-1/HT49C70-1 and from 560kW to
1M
W for HT49C70L. The system clock, divided by 4, is
available on OSC2 with pull-high resistor, which can be
used to synchronize external logic. The RC oscillator
provides the most cost effective solution. However, the
frequency of the oscillation may vary with VDD, temper-
ature, and the chip itself due to process variations. It is
therefore, not suitable for timing sensitive operations
where accurate oscillator frequency is desired.
On the other hand, if the crystal oscillator is selected, a
crystal across OSC1 and OSC2 is needed to provide the
feedback and phase shift required for the oscillator, and
no other external components are required. A resonator
may be connected between OSC1 and OSC2 to replace
the crystal and to get a frequency reference, but two ex-
ternal capacitors in OSC1 and OSC2 are required.
There is another oscillator circuit designed for the real
time clock. In this case, only the 32.768kHz crystal oscil-
lator can be applied. The crystal should be connected
between OSC3 and OSC4.
The RTC oscillator circuit can be controlled to oscillate
quickly by setting the
²QOSC² bit (bit 4 of RTCC). It is
recommended to turn on the quick oscillating function
upon power on, and then turn it off after 2 seconds.
The WDT oscillator is a free running on-chip RC oscilla-
tor, and no external components are required. Although
the system enters the power down mode, the system
clock stops, and the WDT oscillator still works with a pe-
riod of approximately 65
ms at 5V. The WDT oscillator
can be disabled by options to conserve power.
Watchdog Timer
- WDT
The WDT clock source is implemented by a dedicated
RC oscillator (WDT oscillator) or an instruction clock
(system clock/4) or a real time clock oscillator (RTC os-
cillator). The timer is designed to prevent a software
malfunction or sequence from jumping to an unknown
location with unpredictable results. The WDT can be
disabled by options. But if the WDT is disabled, all exe-
cutions related to the WDT lead to no operation.
The WDT time-out period is fS/2
15~f
S/2
16.
If the WDT clock source chooses the internal WDT oscil-
lator, the time-out period may vary with temperature,
VDD, and process variations. On the other hand, if the
clock source selects the instruction clock and the
²HALT² instruction is executed, WDT may stop counting
and lose its protecting purpose, and the logic can only
be restarted by an external logic.
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 1
O S C 2
f S Y S / 4
O S C 2
V D D
3 2 7 6 8 H z C r y s t a l /
R T C O s c i l l a t o r
V D D
4 7 0 p F
O S C 3
O S C 4
System Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com