Electronic Components Datasheet Search
  English  ▼

X  

HT49C70L Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT49C70L
Description  LCD Type 8-Bit MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C70L Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT49C70L Datasheet HTML 17Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 18Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 19Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 20Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 21Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 22Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 23Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 24Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
HT49R70A-1/HT49C70-1/HT49C70L
Rev. 2.00
21
April 24, 2006
LCD Driver Output
The output number of the LCD driver device can be
41
´2, 41´3or40´4 by option (i.e., 1/2 duty, 1/3 duty or
1/4 duty). The bias type LCD driver can be
²R² type or
²C² type for HT49R70A-1/HT49C70-1 while the bias
type LCD driver can only be
²C² type for HT49C70L. If
the
²R² bias type is selected, no external capacitor is re-
quired. If the
²C² bias type is selected, a capacitor
mounted between C1 and C2 pins is needed. The LCD
driver bias voltage for HT49R70A-1/HT49C70-1 can be
1/2 bias or 1/3 bias by option, while the LCD driver bias
voltage for HT49C70L can only be 1/2 bias. If 1/2 bias is
selected, a capacitor mounted between V2 pin and
ground is required. If 1/3 bias is selected, two capacitors
are needed for V1 and V2 pins.
LCD bias power supply selection for HT49R70A-1/
HT49C70-1: There are two types of selections: 1/2 bias
or 1/3 bias.
LCD bias type selection for HT49R70A-1/HT49C70-1:
This option is to determine what kind of bias is selected,
R type or C type.
Low Voltage Reset/Detector Functions
There is a low voltage detector (LVD) and a low voltage
reset circuit (LVR) implemented in the microcontroller.
These two functions can be enabled/disabled by op-
tions. Once the options of LVD is enabled, the user can
use the RTCC.3 to enable/disable (1/0) the LVD circuit
and read the LVD detector status (0/1) from RTCC.5;
otherwise, the LVD function is disabled.
N o r m a l o p e r a t i o n m o d e
D u r i n g a r e s e t p u l s e
C O M 0 , C O M 1 , C O M 2
V A
V B
V S S
V S S
A l l L C D d r i v e r o u t p u t s
C O M 0
C O M 1
C O M 2 *
H A L T M o d e
C O M 0 , C O M 1 , C O M 2 *
A l l L C D d r i v e r o u t p u t s
*
*
*
V A
V B
V A
V B
V S S
V S S
V A
V B
V A
V B
V S S
V S S
V A
V B
V A
V B
V S S
V S S
V A
V B
V A
V B
V S S
V S S
V A
V B
V S S
V A
V B
V S S
V A
V B
V S S
V A
V B
V S S
V A
V B
V S S
V A
V B
L C D s e g m e n t s O N
C O M 0 , 1 , 2 s i d e s a r e u n l i g h t e d
O n l y L C D s e g m e n t s O N
C O M 0 s i d e a r e l i g h t e d
O n l y L C D s e g m e n t s O N
C O M 1 s i d e a r e l i g h t e d
O n l y L C D s e g m e n t s O N
C O M 2 s i d e a r e l i g h t e d
L C D s e g m e n t s O N
C O M 0 , 1 s i d e s a r e l i g h t e d
L C D s e g m e n t s O N
C O M 0 , 2 s i d e s a r e l i g h t e d
L C D s e g m e n t s O N
C O M 1 , 2 s i d e s a r e l i g h t e d
L C D s e g m e n t s O N
C O M 0 , 1 , 2 s i d e s a r e l i g h t e d
N o t e : " * " O m i t t h e C O M 2 s i g n a l , i f t h e 1 / 2 d u t y L C D i s u s e d .
V A = V L C D , V B = 1 / 2 V L C D f o r H T 4 9 R 7 0 A - 1 / H T 4 9 C 7 0 - 1
V A = 2 V 2 , V B = V 2 , C t y p e f o r H T 4 9 C 7 0 L
LCD Driver Output (1/3 Duty, 1/2 Bias, R/C Type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com