Electronic Components Datasheet Search
  English  ▼

X  

M250 Datasheet(PDF) 1 Page - Solid State Optronic

Part # M250
Description  1 Form A Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

M250 Datasheet(HTML) 1 Page - Solid State Optronic

  M250 Datasheet HTML 1Page - Solid State Optronic M250 Datasheet HTML 2Page - Solid State Optronic M250 Datasheet HTML 3Page - Solid State Optronic M250 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
M250
1 Form A
Solid State Relay
The M250 is a bi-directional, single-pole, single-throw, normally open multipurpose solid-state relay in a 4-pin miniature small outline
package. It is designed to replace electromechanical and reed relays in special applications that call for very fast switching rates. The relay
consists of an integrated circuit that drives two special source-to-source enhancement type DMOS transistors with extremely low output
capacitance and leakage current. The IC is optically coupled to a light emitting diode which controls its switching. The design of the circuit
makes it ideal for switching high frequency signals.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES
SCHEMATIC DIAGRAM
MAXIMUM RATINGS
APPROVALS
High input-to-output isolation
•
Low input control power consumption
•
35mA maximum continuous load current
•
300 ohms maximum on-resistance
•
Long life/high reliability
•
Fast switching speeds
•
Low output capacitance
•
Ultra miniature 4-pin small outline package
•
Telecom switching
•
Tip/Ring control
•
PCMCIA modules
•
Multiplexers
•
Meter reading systems
•
Data acquisition
•
Medical equipment
•
Battery monitoring
•
Home/Safety security systems
•
Tape and Reel
• -TR
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
400
IC
+ Input
- Input
Load
Load
3
4
2
1
BABT CERTIFICATE #650192:
BS EN 60950, BS EN 41003, BS EN 60065
•
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com


Similar Part No. - M250

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
M250 ENERCON-M250 Datasheet
531Kb / 6P
ENERGY STORAGE MODULE
Oct 25, 2021
logo
Solid State Inc
M250 SOLIDSTATE-M250 Datasheet
176Kb / 5P
Fast turn-on (50us TYP)
logo
PETERMANN-TECHNIK
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
HIGH RELIABILITY FOR LOW COST
logo
Littelfuse
M2500 LITTELFUSE-M2500 Datasheet
165Kb / 2P
terminations and adapt ers
May 2012
logo
MTRONPTI
M250023TCN MTRONPTI-M250023TCN Datasheet
124Kb / 3P
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
More results

Similar Description - M250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1510AAB VISHAY-LH1510AAB Datasheet
180Kb / 10P
1 Form A Solid State Relay
26-Oct-04
logo
Solid State Optronic
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
1 Form A Solid State Relay
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
1 Form A Solid State Relay
logo
Vishay Siliconix
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
1 Form A Solid State Relay
26-Oct-04
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
1 Form A Solid State Relay
26-Oct-04
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
1 Form A Solid-State Relay
25-Jul-11
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
1 Form A Solid-State Relay
17-Nov-15
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
1 Form A Solid-State Relay
09-Jun-16
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
1 Form A Solid-State Relay
12-Jun-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com