Electronic Components Datasheet Search
  English  ▼

X  

M250 Datasheet(PDF) 3 Page - Solid State Optronic

Part # M250
Description  1 Form A Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

M250 Datasheet(HTML) 3 Page - Solid State Optronic

  M250 Datasheet HTML 1Page - Solid State Optronic M250 Datasheet HTML 2Page - Solid State Optronic M250 Datasheet HTML 3Page - Solid State Optronic M250 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M250
1 Form A
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
50
0.01 0.03 0.05 0.07 0.09 0.11 0.13 0.15
Turn-On Tim e (m s)
M250
0
10
20
30
40
50
60
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35
Turn-Off Tim e (m s)
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
M250
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
170 180 190 200 210 220 230 240
On-Resistance (ohm s)
M250
0
20
40
60
80
0
0.010.03 0.050.070.09 0.110.13
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
M250
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
20
40
60
80
260 265 270 275 280 285 290 295
Blocking Voltage (V)
M250
0
10
20
30
40
50
Tem perature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
M250
Typical Load Current vs. Temperature
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com