Electronic Components Datasheet Search
  English  ▼

X  

SDD450 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SDD450
Description  DC Input Photo-Darlington Optocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDD450 Datasheet(HTML) 1 Page - Solid State Optronic

  SDD450 Datasheet HTML 1Page - Solid State Optronic SDD450 Datasheet HTML 2Page - Solid State Optronic SDD450 Datasheet HTML 3Page - Solid State Optronic SDD450 Datasheet HTML 4Page - Solid State Optronic SDD450 Datasheet HTML 5Page - Solid State Optronic SDD450 Datasheet HTML 6Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SDD450
DC Input
Photo-Darlington
Optocoupler
The SDD450 consists of a Photo Darlington transistor optically coupled to a light emitting diode. Optical coupling between the input LED
and output Photo Darlington allows for high isolation levels while maintaining low-level DC signal control capability. The SDD450 provides
an optically isolated method of controlling many interface applications such as telecommunications, industrial control and instrumentation
circuitry.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
High current transfer ratio (CTR:MIN 600%)
•
High input-to-output isolation voltage (3,750 Vrms)
•
Ultra-miniature 4 pin SOP package
•
High Load Voltage (Vceo = 300V MIN)
•
Home Appliances
•
Office Automation Equipment
•
Telecom / Datacom
•
Power Supplies
•
Fax / Modems
•
Tape and Reel
• -TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-40
125
Operating Temperature
°C
-40
100
Continuous Input Current
mA
50
Transient Input Current
A
1
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
170
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
UL / C-UL Approved, File #E201932
•
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 6
SDD450
rev 1.40 (10/25/2004)
1. Anode
2. Cathode
3. Emitter
4. Collector
1
2
4
3


Similar Part No. - SDD450

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SDD450 SOLIDSTATE-SDD450 Datasheet
718Kb / 6P
High current transfer ratio (CTR:MIN 600%)
rev 1.40
More results

Similar Description - SDD450

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL755 SIEMENS-IL755 Datasheet
54Kb / 3P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
IL755B SIEMENS-IL755B Datasheet
42Kb / 2P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
logo
Solid State Optronic
SDT600 SSOUSA-SDT600 Datasheet
689Kb / 6P
DC Input Optocoupler
SDD400 SSOUSA-SDD400 Datasheet
731Kb / 6P
DC Input Photo-Darlington Optocoupler
SDD451 SSOUSA-SDD451 Datasheet
691Kb / 4P
DC Input Optocoupler
SDD600 SSOUSA-SDD600 Datasheet
281Kb / 4P
DC Input Optocoupler
SDD601 SSOUSA-SDD601 Datasheet
339Kb / 4P
DC Input Optocoupler
SDD800 SSOUSA-SDD800 Datasheet
587Kb / 6P
DC Input Optocoupler
SDT400 SSOUSA-SDT400 Datasheet
645Kb / 6P
DC Input Optocoupler
logo
CT Micro International ...
CT452 CTMICRO-CT452 Datasheet
1Mb / 10P
DC Input 4-Pin Mini-Flat High BVCEO Photo Darlington Optocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com