Electronic Components Datasheet Search
  English  ▼

X  

SDD450 Datasheet(PDF) 2 Page - Solid State Optronic

Part # SDD450
Description  DC Input Photo-Darlington Optocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDD450 Datasheet(HTML) 2 Page - Solid State Optronic

  SDD450 Datasheet HTML 1Page - Solid State Optronic SDD450 Datasheet HTML 2Page - Solid State Optronic SDD450 Datasheet HTML 3Page - Solid State Optronic SDD450 Datasheet HTML 4Page - Solid State Optronic SDD450 Datasheet HTML 5Page - Solid State Optronic SDD450 Datasheet HTML 6Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SDD450
DC Input
Photo-Darlington
Optocoupler
ELECTRICAL CHARACTERISTICS - 25°C
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
Input Forward Voltage
V
1.2
1.4
If =10mA
Peak Forward Voltage
V
3.5
Ifm = 0.5A
Reverse Current
µ
10
Vr =4V
A
Terminal Capacitance
p
30
V = 0, f = 1KHz
F
OUTPUT SPECIFICATIONS
Collector-Emitter Breakdown Voltage
V
300
Ic = 10uA
Dark Current
µ
1
Vce = 10V, If = 0
A
Floating Capacitance
p
0.6
1
Vce = 0V, f = 1.0MHz
F
Saturation Voltage
V
1
If = 20mA, Ic = 1mA
Current Transfer Ratio
%
600
1600
7500
If = 1mA, Vce = 2V
Rise Time
µ
60
300
Ic = 2mA, Vce = 2V, RL = 100 ohms
s
Fall Time
µ
50
250
Ic = 2mA, Vce = 2V, RL = 100 ohms
s
COUPLED SPECIFICATIONS
Isolation Voltage
V
3750
T = 1 minute
Isolation Resistance
G
50
Ω
Cut-off Frequency
k
7
Ic = 2mA, Vcc = 5V, RL = 100 ohms
Hz
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 6
SDD450
rev 1.40 (10/25/2004)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com