Electronic Components Datasheet Search
  English  ▼

X  

SDD451 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SDD451
Description  DC Input Optocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDD451 Datasheet(HTML) 1 Page - Solid State Optronic

  SDD451 Datasheet HTML 1Page - Solid State Optronic SDD451 Datasheet HTML 2Page - Solid State Optronic SDD451 Datasheet HTML 3Page - Solid State Optronic SDD451 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SDD451
DC Input
Optocoupler
The SDD451 consists of a photo Darlington transistor optically coupled to a light emitting diode. Optical coupling between the input LED
and output phototransistor allows for high isolation levels while maintaining low-level DC signal control capability. The SDD451 provides an
optically isolated method of controlling many interface applications such as telecommunications, industrial control and instrumentation
circuitry.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES
SCHEMATIC DIAGRAM
MAXIMUM RATINGS
APPROVALS
High current transfer ratio
(CTR: MIN.600% at If=1mA, Vce=2V)
•
High input-to-output isolation package (
3750 Vrms)
•
4 Pin small outline package
•
System appliances, measuring instruments
•
Industrial robots
•
Copiers, automated vending machines
•
Signal transmission between varying circuits
•
Telephone sets
•
Fax machines
•
Interface with various power supply circuits
•
Numerical control machines
•
Tape and Reel
• -TR
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-40
125
Operating Temperature
°C
-40
100
Continuous Input Current
mA
50
Transient Input Current
A
1
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
170
UL and C-UL approved File#
E201932
•
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com
52
1. Anode
2. Cathode
3. Emitter
4. Collector


Similar Part No. - SDD451

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDD450 SSOUSA-SDD450 Datasheet
693Kb / 6P
DC Input Photo-Darlington Optocoupler
logo
Solid State Inc
SDD450 SOLIDSTATE-SDD450 Datasheet
718Kb / 6P
High current transfer ratio (CTR:MIN 600%)
rev 1.40
More results

Similar Description - SDD451

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDT800 SSOUSA-SDT800 Datasheet
536Kb / 4P
DC Input Dual Optocoupler
SDT450 SSOUSA-SDT450 Datasheet
634Kb / 6P
DC Input Optocoupler
SDT600 SSOUSA-SDT600 Datasheet
689Kb / 6P
DC Input Optocoupler
SDD600 SSOUSA-SDD600 Datasheet
281Kb / 4P
DC Input Optocoupler
SDD601 SSOUSA-SDD601 Datasheet
339Kb / 4P
DC Input Optocoupler
SDD800 SSOUSA-SDD800 Datasheet
587Kb / 6P
DC Input Optocoupler
SDD1600 SSOUSA-SDD1600 Datasheet
284Kb / 4P
DC Input Quad Optocoupler
SDT400 SSOUSA-SDT400 Datasheet
645Kb / 6P
DC Input Optocoupler
SDT470 SSOUSA-SDT470 Datasheet
523Kb / 3P
DC Input Optocoupler
SDT1600 SSOUSA-SDT1600 Datasheet
311Kb / 4P
DC Input Quad Optocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com