Electronic Components Datasheet Search
  English  ▼

X  

SDD451 Datasheet(PDF) 4 Page - Solid State Optronic

Part # SDD451
Description  DC Input Optocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDD451 Datasheet(HTML) 4 Page - Solid State Optronic

  SDD451 Datasheet HTML 1Page - Solid State Optronic SDD451 Datasheet HTML 2Page - Solid State Optronic SDD451 Datasheet HTML 3Page - Solid State Optronic SDD451 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MECHANICAL DIMENSIONS
4 PIN SMALL OUTLINE PACKAGE
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com
END VIEW
TOP VIEW
BACK VIEW
.275” ± 0.015”
(6.985 ± 0.4mm)
.80” ± 0.005”
(1.96 ± 0.13mm)
.170” ± 0.010”
(4.165 ± 0.3mm)
SDD451
DC Input
Optocoupler



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com