Electronic Components Datasheet Search
  English  ▼

X  

TCA2002 Datasheet(PDF) 9 Page - Tripath Technology Inc.

Part # TCA2002
Description  STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCA2002 Datasheet(HTML) 9 Page - Tripath Technology Inc.

Back Button TCA2002 Datasheet HTML 5Page - Tripath Technology Inc. TCA2002 Datasheet HTML 6Page - Tripath Technology Inc. TCA2002 Datasheet HTML 7Page - Tripath Technology Inc. TCA2002 Datasheet HTML 8Page - Tripath Technology Inc. TCA2002 Datasheet HTML 9Page - Tripath Technology Inc. TCA2002 Datasheet HTML 10Page - Tripath Technology Inc. TCA2002 Datasheet HTML 11Page - Tripath Technology Inc. TCA2002 Datasheet HTML 12Page - Tripath Technology Inc. TCA2002 Datasheet HTML 13Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
9
TCA2002 – KLi/0.95/04.06
A m plifier Gain
The gain of an amplifier based on the TCA2002 is the product of the input stage gain and the
modulator gain. Please refer to the sections, Input Stage Design, and Modulator Feedback Design,
for a complete explanation of how to determine the external component values for the various
amplifier configurations.
MODULATOR
V
E
VINPUTSTAG
VTK2150
A
*
A
A
=
For example, using a TCA2002 with the following external components, in a Single Ended, Split
Supply Application
RI = 20kΩ
RF = 30.1kΩ
RFBA = 1kΩ
RFBB = 1.1kΩ
RFBC = 10.0kΩ
V
V
13.35
-
1
1.1k Ω
*
1.0k Ω
)
1.1k
(1.0k Ω
*
10.0k Ω
30.1k Ω
20k Ω
AVTCA2002
=
+
Ω
+
−
≈
In p u t Stage Desig n
The TCA2002 input stage is configured as an inverting amplifier, allowing the system designer
flexibility in setting the input stage gain and frequency response. Figure 2 shows a typical application
where the input stage is a constant gain inverting amplifier. The input stage gain should be set so
that the maximum input signal level will drive the input stage output to 4Vpp.
TCA2002
INPUT2
OAOUT2
V5
OAOUT1
+
-
CI
+
-
INV1
INPUT1
BIASCAP
AGND
RF
RI
CI
RF
AGND
INV2
V5
RI
Figure 2: Input Stage
The gain of the input stage, above the low frequency high pass filter point, is that of a simple inverting
amplifier: It should be noted that the input amplifiers are biased at approximately 2.5VDC. Thus, the
polarity of CI must be followed as shown in Figure 2 for a standard ground referenced input signal
I
F
STAGE
INPUT
V
R
R
A
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com