Electronic Components Datasheet Search
  English  ▼

X  

TCA2002 Datasheet(PDF) 10 Page - Tripath Technology Inc.

Part # TCA2002
Description  STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCA2002 Datasheet(HTML) 10 Page - Tripath Technology Inc.

Back Button TCA2002 Datasheet HTML 6Page - Tripath Technology Inc. TCA2002 Datasheet HTML 7Page - Tripath Technology Inc. TCA2002 Datasheet HTML 8Page - Tripath Technology Inc. TCA2002 Datasheet HTML 9Page - Tripath Technology Inc. TCA2002 Datasheet HTML 10Page - Tripath Technology Inc. TCA2002 Datasheet HTML 11Page - Tripath Technology Inc. TCA2002 Datasheet HTML 12Page - Tripath Technology Inc. TCA2002 Datasheet HTML 13Page - Tripath Technology Inc. TCA2002 Datasheet HTML 14Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
10
TCA2002 – KLi/0.95/04.06
Inpu t Ca pa c i tor Se le c t ion
CI can be calculated once a value for RI has been determined. CI and RI determine the input low
frequency pole. Typically this pole is set below 10Hz. CI is calculated according to:
I
P
I
R
f
2
1
C
π
=
where:
I
R = Input resistor value in ohms.
P
f = Input low frequency pole (typically 10Hz or below)
Mo d u lato r F eed b ack Desig n
The modulator feedback converts the high-voltage output-switching signal to voltage levels that the
TCA2002 can process. The optimum gain of the modulator is determined from the maximum
allowable feedback level for the modulator and maximum supply voltage for the power stage.
Depending on the maximum supply voltage, the feedback ratio will need to be adjusted for proper
operation and to maximize performance. The values of RFBA, RFBB and RFBC (see explanation below)
define the gain of the modulator. In addition, the amplifier architecture affects the value of the
feedback resistor values. Once these values are chosen, based on the maximum supply voltage, the
gain of the modulator will be fixed even as the supply voltage changes. Thus, an amplifier based on
TCA2002 has inherent PSRR unlike many other commercially available switching amplifiers.
For the best signal-to-noise ratio and lowest distortion, the maximum differential modulator feedback
voltage should be approximately 4Vpp. This will keep the gain of the modulator as low as possible
and still allow headroom so that the feedback signal does not clip the modulator feedback stage.
Mo d u lato r F eed b ack Desig n
For SPLIT-SUPPLY, SINGLE ENDED operation:
Figure 3: Split Supply, Single Ended Circuit (One Channel)
Figure 3 shows the basic split supply, single ended amplifier using a TCA2002. The MOSFET output
stage operates from two power supplies, VPP and VNN, that are equal magnitude, but opposite
polarity (for instance +/-60VDC). One terminal of the load is driven by the half-bridge MOSFET
output stage. The other load terminal is ground referenced. Differential feedback is taken from the
FET Driver
TCA2002
MOSFETS
Y1
Y1B
HIN
LIN
HS OUT
LS OUT
HS GATE
LS GATE
VPP
VNN
FBKN1
FBKP1
HB OUT
R
FBB
V5
R
FBA R
FBC
R
FBB
V5
R
FBA R
FBC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com