Electronic Components Datasheet Search
  English  ▼

X  

MN89302 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MN89302
Description  SVGA Display Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN89302 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MN89302 Datasheet HTML 1Page - Panasonic Semiconductor MN89302 Datasheet HTML 2Page - Panasonic Semiconductor MN89302 Datasheet HTML 3Page - Panasonic Semiconductor MN89302 Datasheet HTML 4Page - Panasonic Semiconductor MN89302 Datasheet HTML 5Page - Panasonic Semiconductor MN89302 Datasheet HTML 6Page - Panasonic Semiconductor MN89302 Datasheet HTML 7Page - Panasonic Semiconductor MN89302 Datasheet HTML 8Page - Panasonic Semiconductor MN89302 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MN89302
For Information Equipment
Pin Descriptions
Pin No.
Symbol
I/O
Level
Function Description
27
AEN
I
TTL
Address Enable
"H" level input from this pin indicates that a DMA transfer is in
progress, so the chip does not respond to I/O access.
28
SBHE
I
TTL
Byte High Enable
This input indicates the state of the 16-bit bus.
24
IOWR
I
TTL
I/O Write
This input indicates an I/O write request.
25
IORD
I
TTL
I/O Read
This input indicates an I/O read request.
22
SMEMW
I
TTL
Memory Write
This input indicates a memory write request dedicated for an
address space in the first megabyte (000000 to 0FFFFFH).
16
SMEMR
I
TTL
Memory Read
This input indicates a memory read request dedicated for an
address space in the first megabyte (000000 to 0FFFFFH).
6 to 5
A[21:20]
I
TTL
Address[21:20]
These inputs give the address 21:20.
4 to 1,
SA[19:0]
I
TTL
Address[19:0]
128 to 115,
These inputs give the address 19:0.
21 ,39
30 to 48
SD[15:0]
I/O
TTL
Data[15:0]
These pins represent the host data bus.
23
IOCHRDY
I/O
TTL
I/O Channel Ready
This pin is "L" level when I/O or memory access is given wait
states.
19
MEMCS16
O
TTL
Memory Chip Select 16
This output indicates to the system that 16-bit memory access is
available.
18
IOCS16
O
TTL
I/O Chip Select 16
This output indicates to the system that 16-bit I/O access is
available.
15
REFRESH
I
TTL
Refresh
"L" level input indicates that the system is refreshing its DRAM.
89 to 80
MA[9:0]
I/O
CMOS
Memory Address
These outputs give the address of the display memory .
91
RAS
O
CMOS
Row Address Strobe (RAS).
This output is the strobe signal for the row address latch.
93
UCAS
O
CMOS
Upper Column Address Strobe (UCAS)
This output is the strobe signal for the upper column address
latch. In the 2WE mode, however, it functions as the CAS
signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com