Electronic Components Datasheet Search
  English  ▼

X  

MN89302 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # MN89302
Description  SVGA Display Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN89302 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button MN89302 Datasheet HTML 3Page - Panasonic Semiconductor MN89302 Datasheet HTML 4Page - Panasonic Semiconductor MN89302 Datasheet HTML 5Page - Panasonic Semiconductor MN89302 Datasheet HTML 6Page - Panasonic Semiconductor MN89302 Datasheet HTML 7Page - Panasonic Semiconductor MN89302 Datasheet HTML 8Page - Panasonic Semiconductor MN89302 Datasheet HTML 9Page - Panasonic Semiconductor MN89302 Datasheet HTML 10Page - Panasonic Semiconductor MN89302 Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
For Information Equipment
MN89302
Electrical Characteristics
VDD=4.75 to 5.25V, VSS=0.00V, f=30MHz, Ta=0 to 70˚C
Parameter
Symbol
Conditions
min
typ
max
Unit
Power supply current
IDD0
VI=VDD or VSS ,VDD=5.0V
160
mA
during operation
Power supply current
IDD1
VI=VDD or VSS ,VDD=5.0V
15
mA
in the SUSPEND mode
Power supply current
IDD2
VI=VDD or VSS ,VDD=5.0V
75
mA
in the STANDBY mode
"H" level input voltage 1
VIH1
2.0
VDD
V
AEN ,SBHE ,IOWR ,IORD ,
SMEMW ,SMEMR ,
REFRESH ,A21 to 20 ,
SA19 to 0 ,SD15 to 0 ,
MD15 to 0 ,BIOSEN ,
IOCHRDY
"H" level input voltage 2
VIH2
VDD × 0.7
VDD
V
TEST ,MINTEST ,
SCANTEST ,RAS ,UCAS ,
LCAS ,BACKON ,LCDON ,
LOGICON ,MA9 to 0 ,
RESET
"L" level input voltage 1
VIL1
0
0.8
V
AEN ,SBHE ,IOWR ,IORD ,
SMEMW ,SMEMR ,
REFRESH ,A21 to 20 ,
SA19 to 0 ,SD15 to 0 ,
MD15 to 0 ,BIOSEN ,
IOCHRDY
"L" level input voltage 2
VIL2
0VDD × 0.3
V
TEST ,MINTEST ,
SCANTEST ,RAS ,UCAS ,
LCAS ,BACKON ,LCDON ,
LOGICON ,MA9 to 0 ,
RESET
Input leakage current 1
ILI1
VI=VDD or VSS
±20
µA
TEST ,MINTEST ,
SCANTEST
Input leakage current 2
ILI2
VI=VDD or VSS
±10
µA
AEN ,SBHE ,IOWR ,IORD ,
SMEMW ,SMEMR ,
REFRESH ,A21 to 20 ,
SA19 to 0 ,RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com