Electronic Components Datasheet Search
  English  ▼

X  

PAM8402 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PAM8402
Description  2 Watt Class-D Audio Amplifiers with Enable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PAM8402 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PAM8402 Datasheet HTML 1Page - List of Unclassifed Manufacturers PAM8402 Datasheet HTML 2Page - List of Unclassifed Manufacturers PAM8402 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Advanced Product Information
Power Analog Microelectronics, Inc.
PAM8402 Rev. 0.1
CONFIDENTIAL. DO NOT DISTRIBUTE OR REPRODUCE WITHOUT PERMISSION FROM P.A.M.
August 2005
2
THD+N vs. Frequency
(8
Ω, 500mW)
Efficiency vs. Output power
(8 Ohms, 1kHz, Vdd = 5V)
Efficiency
0.000%
10.000%
20.000%
30.000%
40.000%
50.000%
60.000%
70.000%
80.000%
90.000%
0.000
0.500
1.000
1.500
2.000
Output Power
THD+N vs. Output Power
(8 Ohms, 1 kHz, Vdd=2.5V to 6V)
With an 8-ohm load:
Vdd:
2.5V
4.0V
5.0V
6.0V
Output Watt:
0.35W
0.92W
1.6W
2.2W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com