Electronic Components Datasheet Search
  English  ▼

X  

PAM8402 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PAM8402
Description  2 Watt Class-D Audio Amplifiers with Enable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PAM8402 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PAM8402 Datasheet HTML 1Page - List of Unclassifed Manufacturers PAM8402 Datasheet HTML 2Page - List of Unclassifed Manufacturers PAM8402 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Advanced Product Information
Power Analog Microelectronics, Inc.
PAM8402 Rev. 0.1
CONFIDENTIAL. DO NOT DISTRIBUTE OR REPRODUCE WITHOUT PERMISSION FROM P.A.M.
August 2005
1
PAM8402
2 Watt Class-D Audio
Amplifiers with Enable
Description
The PAM8402 is 2 Watt per channel, 14-
pin, stereo class D audio amplifier,
whitch offers low THD+N (0.10%),
allowing it to produce high-quality sound
reproduction.
The PAM8402 runs off of a 5 Volt supply
at much higher efficiencies than their
class AB cousins, making it ideal for
many portable applications.
The PAM8402 only requires very few
external components (as few as three tiny
capacitors), results in significant cost and
board space savings.
The PAM8202 is available in a SOP14
package.
Features
• 2 Watts @ 10% THD per channel
output into a 8
Ω load at 5V
• Support speakers or earphone
(6
Ω tο 32Ω).
• Superior low noise without input.
• Supply voltage: From 2.5V to 6 V.
• 85% efficiency above.
• With Enable Function.
• Short Circuit Protection.
• Small package outlines: SOP14
• Less output capacitor and
inductor to save the space and
cost.
• Low THD+N
• Low Quiescent current
Applications
• Notebook computers.
• PDAs.
• Portable DVD players, game machines.
• Cellular phones/speaker phones.
• MP3 or PMP players.
• Portable speakers, USB speaker.
• LCD monitor / TVs.
PAM8402 Block Diagram
1uF
C3
Vdd
Vdd
Speaker
1Bit
Controller
Over Current
C1
1uF
Input Signal
Speaker
1Bit
Controller
Over Current
C2
1uF
Input Signal
Right
Left
Right
Left
Enable
PAM8402 Pin Assignment
IN R 2
_
VDD 3
GND 1
10
OUT L
+
_
11
OUT R
+
_
9GND
8OUT L
-
_
GND 7
ENABLE 4
VD D 5
12 GND
14
OUT R
-
_
13 N C
/


Similar Part No. - PAM8402

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
logo
Power Analog Micoelectr...
PAM8403DR PAM-PAM8403DR Datasheet
194Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
logo
ARTSCHIP ELECTRONICS CO...
PAM8403DR ARTSCHIP-PAM8403DR Datasheet
237Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
More results

Similar Description - PAM8402

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
logo
List of Unclassifed Man...
PAM8101 ETC1-PAM8101 Datasheet
100Kb / 4P
Tiny 1.2 Watt Class-D Audio Amplifiers
PAM8202 ETC1-PAM8202 Datasheet
287Kb / 8P
Tiny Package 2 Watt Class-D Stereo Audio Amplifier
PAM8302 ETC1-PAM8302 Datasheet
188Kb / 8P
Tiny Package 2 Watt Class-D Audio Amplifiers With Enable
logo
Maxim Integrated Produc...
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
logo
STMicroelectronics
TDA7491LP STMICROELECTRONICS-TDA7491LP Datasheet
1Mb / 37P
2 x 5-watt dual BTL class-D audio amplifier
23-Mar-2011
TDA7491P STMICROELECTRONICS-TDA7491P Datasheet
1Mb / 42P
2 x 10-watt dual BTL class-D audio amplifier
18-Jan-2012
TDA7491LP13TR STMICROELECTRONICS-TDA7491LP13TR Datasheet
1Mb / 37P
2 x 5-watt dual BTL class-D audio amplifier
23-Mar-2011
logo
Maxim Integrated Produc...
MAX98355A MAXIM-MAX98355A_13 Datasheet
1Mb / 34P
PCM Input Class D Audio Power Amplifiers
Rev 1; 8/13
logo
ON Semiconductor
FAB3103 ONSEMI-FAB3103 Datasheet
1Mb / 15P
2.3 Watt Class-D Audio Amplifier
July 2012 Rev. 1.0.2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com