Electronic Components Datasheet Search
  English  ▼

X  

SM5301AS Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5301AS
Description  3-channel Video Buffer with Built-in Wideband Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5301AS Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5301AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SM5301AS
NIPPON PRECISION CIRCUITS INC.—7
Figure 2. Frequency response (VFC = 0.2V)
Figure 3. Frequency response (VFC = 1.0V)
Figure 4. Frequency response (VFC = 1.6V)
–8.00E+01
–6.00E+01
–4.00E+01
–2.00E+01
0.00E+00
2.00E+01
1.00E+03
1.00E+04
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency [Hz]
6dB
0dB
–6.00E+01
–4.00E+01
–2.00E+01
0.00E+00
2.00E+01
1.00E+03
1.00E+04
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency [Hz]
6dB
0dB
-4.00E+01
-2.00E+01
0.00E+00
2.00E+01
1.00E+03
1.00E+04
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency [Hz]
6dB
0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com