Electronic Components Datasheet Search
  English  ▼

X  

SM5301AS Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5301AS
Description  3-channel Video Buffer with Built-in Wideband Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5301AS Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5301AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5301AS Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SM5301AS
NIPPON PRECISION CIRCUITS INC.—8
Adjusting the Cutoff Frequency
Constant-voltage control 1
Cutoff frequency control using a reference voltage VR generated by voltage divider formed by R1 and R2.
Constant-voltage control 2
Cutoff frequency control by adjusting the resistance connected to RFC.
PWM control
Cutoff frequency control by smoothing the PWM signal, using R1 and C1, input to VFC.
When VFC = 0.2V VDD = 3.3V, 6% duty drive
VDD = 5.0V, 4% duty drive
When VFC = 1.6V VDD = 3.3V, 48% duty drive
VDD = 5.0V, 32% duty drive
Note: The resistor connected to RFC can affect the cutoff frequency response, so a high-precision component
should be used. It is recommended to set the RC filter cutoff frequency to < fc/100 of the PWM wave-
form frequency.
VFC
VR
RFC
R1
R2
VFC
VR
RFC
VFC
RFC
R1
C1
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com