Electronic Components Datasheet Search
  English  ▼

X  

HT48C10 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT48C10
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C10 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT48C10 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock (Crystal OSC)
3V
—
400
—
4000
kHz
5V
—
400
—
8000
kHz
fSYS2
System Clock (RC OSC)
3V
—
400
—
2000
kHz
5V
—
400
—
3000
kHz
fTIMER
Timer I/P Frequency
(TMR, TMR0, TMR1)
3V
—
0
—
4000
kHz
5V
—
0
—
4000
kHz
tWDTOSC
Watchdog Oscillator
—
—
45
90
180
µs
35
65
130
tWDT1
Watchdog Time-out
Period (RC)
—
Without WDT
prescaler
12
23
45
ms
917
35
tWDT2
Watchdog Time-out Period
(System Clock)
—
Without WDT
prescaler
—1024
—
tSYS
tRES
External Reset Low Pulse
Width
——
1
—
—
µs
tSST
System Start-up Timer
Period
—
Power-up or
Wake-up from
halt
—1024
—
tSYS
tINT
Interrupt Pulse Width
—
—
1
—
—
µs
Note: tSYS=1/fSYS
HT48CXX/HT48RXX
12
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com