Electronic Components Datasheet Search
  English  ▼

X  

HT48C50 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT48C50
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C50 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT48C50 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
(TMR0C;0EH) and timer/event counter 1 con-
trol register (TMR1C;11H). Fifth, the entire
number of I/O registers is expanded from 3 to 6
(PA;12H,PB;14H,PC;16H,PD;18H,PE;1AH,
PF;1CH,PG; 1EH). Finally, the number of I/O
control registers is also doubled (PAC;13H,
P B C;1 5 H ,PC C ;1 7 H ,PD C ;1 9 H ,PE C ;1 B H ,
PFC;1DH,PGC;1FH). The remaining space be-
fore the 20H of the four microcontrollers are all
reserved for future expansion usage. Reading
these remaining locations will return the result
to 00H. The general purpose data memory, ad-
dressed from 40H~7FH of the HT48C10,
20H~7FH of the HT48C30, 60H~FFH of the
HT48C50, or 20H~FFH of the HT48C70 accord-
ing to the microcontroller selected, is used for
data and control information under instruction
commands.
All the RAM areas can directly execute arithme-
tic, logic, increment, decrement, and rotate op-
erations. Except some dedicated bits, each bit in
the RAM can be set and reset by the SET [m].i
and CLR [m].i instructions, respectively. These
RAM areas are indirectly accessible through the
memory pointer register(s) MP (01H) of the
HT48C10/HT48C30 or MP0 (01H) and MP1
(03H) of the HT48C50/HT48C70.
Indirect addressing register
Of the four microcontrollers, the HT48C10/
HT48C30 make use of location 00H whereas the
HT48C50/HT48C70 of locations 00H and 02H
as indirect addressing registers that are not
physically implemented. Any read/write opera-
tion of [00H] or of [00H] and [02H] accesses the
RAM pointed to by MP (01H) or by MP0 (01H)
and MP1 (03H) respectively according to the
microcontroller chosen. Reading location 00H or
02H indirectly will return the result 00H. Writ-
ing it indirectly will, result to no operation.
The function of data movement between two
indirect addressing registers is not supported.
The memory pointer register MP of the
HT48C10/HT48C30 or MP0 and MP1 of the
HT48C50/HT48C70 are of 7 bits or 8 bits wide
respectively, and can be used to access the RAM
by combining the corresponding indirect ad-
dressing
registers.
The
bit
7
of
MP
(HT48C10/HT48C30) is undefined and reading
will return the result “1”. Any writing operation to
MP will only transfer the lower 7-bit data to MP.
Accumulator ACC
The accumulator (ACC) relates to the ALU op-
erations. It is also mapped to location 05H of the
RAM and is capable of operating with immedi-
ate data. The data movement between two data
memories will pass through the ACC.
Arithmetic and logic unit – ALU
This circuit performs 8-bit arithmetic and logic
operations. It provides the following functions:
• Arithmetic operations (ADD, ADC, SUB,
SBC, DAA)
• Logic operations (AND, OR, XOR, CPL)
• Rotation (RL, RR, RLC, RRC)
• Increment and Decrement (INC, DEC)
• Branch decision (SZ, SNZ, SIZ, SDZ, etc.)
The ALU saves the results of the data operation
and change the status register as well.
Status register – STATUS
The status register (0AH) is of 8 bits wide and
consists of a zero flag (Z), a carry flag (C), an
auxiliary carry flag (AC), an overflow flag (OV),
a power down flag (PD), and a watchdog time-
out flag (TO). The register also records the status
information and controls the operation sequence.
Except the TO and PD flags, bits in the status
register can all be altered by instructions, simi-
lar to the case with other registers. Any data
written into the status register will not change
the TO or PD flags. But the operations related
to the status register may lead to different re-
sults from those intended. The TO and PD flags
can be changed by system power up, Watchdog
Timer overflow, executing the HALT instruc-
tion, or clearing the Watchdog Timer. The Z, OV,
AC, and C flags all reflect the status of the
latest operations.
HT48CXX/HT48RXX
17
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com