Electronic Components Datasheet Search
  English  ▼

X  

HT48C50 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT48C50
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C50 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT48C50 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 25Page - Holtek Semiconductor Inc HT48C50 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
nal reset, interrupt, external falling edge signal
on port A, or a WDT overflow. An external reset
may cause device initialization, and the WDT
overflow performs a “warm reset”. Examining the
TO and PD flags, the reason for chip reset is
determined. The PD flag is cleared by system
power-up or executing the CLR WDT instruction,
and is set by executing the HALT instruction. The
TO flag is set if the WDT time-out occurs, and
causes a wake-up that resets the PC and SP only.
The others maintain their original status.
The port A wake-up and interrupt methods can
be considered as a continuation of normal exe-
cution. Each bit in port A can be independently
selected to wake up the device by mask option.
Awakening from an I/O port stimulus, the pro-
gram will resume execution of the next instruc-
tion. On the other hand, awakening from an
interrupt, two sequences may happen. If the
related interrupt(s) is disabled or the inter-
rupt(s) is enabled but the stack is full, the pro-
gram will resume execution at the next
instruction. But if the interrupt is enabled and
the stack is not full, the regular interrupt re-
sponse takes place.
When wake-up event(s) occurs, it takes 1024
tSYS (system clock period) to resume normal
operation. That is to say, a dummy period is
inserted after the wake-up. If the wake-up re-
sults from an interrupt acknowledgment, the
actual interrupt subroutine execution will be
delayed by more than one cycle. But if the wake-
up results in the next instruction execution, the
instruction will execute immediately after the
dummy period is finished. If an interrupt re-
quest flag is set to “1” before entering the HALT
mode, the make-up function of the related inter-
rupt will be disabled.
To minimize power consumption, all the I/O
pins should be carefully managed before enter-
ing the HALT status.
Reset
There are three ways in which reset may occur:
• RES is reset during normal operation
• RES is reset during HALT
• WDT timeout is reset during normal operation
WDT time-out during the HALT is different
from other chip reset conditions, for it can per-
form a “warm reset” that resets only PC and SP
and leaves the other circuits at their original
state. Some registers remain unchanged during
any other reset conditions. Most of the registers
are reset to the “initial condition” when the
reset conditions are met. By examining the PD
flag and TO flag, the program distinguishes
between different “chip resets”.
TO
PD
RESET Conditions
00
RES reset during power-up
uu
RES reset during normal
operation
01
RES wake-up HALT
Reset timing chart
Reset circuit
Reset configuration
HT48CXX/HT48RXX
22
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com