Electronic Components Datasheet Search
  English  ▼

X  

HT48C70 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT48C70
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C70 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT48C70 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
Mode
Contents of Program Counter (m bits)
Initial reset
0000H
External interrupt
0004H
Timer/event counter 0 overflow
0008H
Timer/event counter 1 overflow
000CH
Skip
PC+2
Loading PCL
Low byte replaced by instruction code
Jump, call branch
Instruction code
Return from subroutine
Stack register
Notes: m=10 for the HT48C10
m=11 for the HT48C30
m=12 for the HT48C50
m=13 for the HT48C70
Program memory – ROM
The program memory (ROM) is used to store the
program instructions that are to be executed. It
contains data, table, and interrupt entries, and
is organized into 1024
×14 bits, 2048×14 bits,
4096
×15 bits, or 8192×16 bits according to the mi-
crocontroller (HT48C10/ HT48C30/HT48C50/
HT48C70) selected. These bits are all addressed by the
PC and table pointer.
Certain locations in the ROM stated below are
reserved for special usage in the four microcon-
trollers except location 00CH which is used for
the HT48C50/HT48C70 exclusively.
• Location 000H
Location 000H is reserved for program in-
itialization. After chip reset, the program al-
ways begins execution at this area.
• Location 004H
Location 004H is reserved for external inter-
rupt service program. If the INT input pin is
activated, the interrupt is enabled, and the
stack is not full, the program begins execution
at location 004H.
• Location 008H
Location 008H is reserved for the timer/event
counter interrupt service program of the
HT48C10/HT48C30 and for the timer/event
counter 0 interrupt service program of the
HT48C50/HT48C70. If the timer interrupt re-
sults from a timer/event counter overflow of
the HT48C10/HT48C30 or a timer/event
counter 0 overflow of the HT48C50/HT48C70,
and the interrupt is enabled, and the stack is
not full, the program begins execution at loca-
tion 008H.
Program memory
HT48CXX/HT48RXX
14
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com