Electronic Components Datasheet Search
  English  ▼

X  

HT48C70 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT48C70
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C70 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT48C70 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48C70 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
ing the programmer to use the structure easily.
Likewise, if the stack is full and a CALL is
subsequently executed, a stack overflow will
occur and the first entry will be lost (only the
most recent four return addresses will be
stored).
Data memory – RAM
The data memory (RAM) is composed of bits
ranging from 81
×8, 113×8, 184×8, or 255×8, de-
pending on the microcontroller chosen
(HT48C10/ HT48C30/HT48C50/HT48C70). It is
divided into two functional groups, i.e., special
function registers and general purpose data
memory (of 64
×8, 96×8, 160×8, or 224×8 bits,
depending on the microcontroller selected
(HT48C10/ HT48C30/HT48C50/HT48C70).
Most components of the two functional groups
are readable/writable, but some are read-only.
Of the two functional groups, the special func-
tion registers of the four microcontrollers con-
sist of a program counter lower-order byte
register (PCL;06H), an accumulator (ACC;
05H), a table pointer (TBLP;07H), a table
higher-order byte register (TBLH;08H), a
status register (STATUS;0AH), an interrupt
control register (INTC;0BH), a watchdog timer
option setting register (WDTS;09H), an indirect
addressing register (00H), a memory pointer
register (MP;01H), a timer/event counter
(TMR;0DH), a timer/event counter control reg-
ister
(TMRC;0EH),
I/O
re gisters
(PA;12H,PB;14H, PC;16H), and I/O control reg-
isters (PAC;13H,PBC;15H,PCC;17H). But of
the HT48C50/HT48C70, the following compo-
nents are further divided into two or several
sub-components. First, the indirect addressing
register is divided into two registers involving
indirect addressing register 0 (00H) and indi-
rect addressing register 1 (02H). Second, the
memory pointer register is also comprised by
two registers involving memory pointer register
0 (MP0;01H) and memory pointer register 1
(MP1;03H). Third, the timer/event counter reg-
ister is organized by two registers according to
different orders of byte, namely timer/event
higher-order byte register and timer/event
lower-order byte register, both of which are fur-
ther divided into timer/event counter 0 higher-
order byte register (TMR0H; 0CH), timer/ event
counter
1
higher-order
byte
register
(TMR1H;0FH), timer/event counter 0 lower-or-
der
byte
re gister
(TMR0L;0DH),
and
timer/event counter 1 lower-order byte register
(TMR1L;10H). Fourth, the timer/event counter
control register is divided into two registers
involving timer/event counter 0 control register
RAM mapping
HT48CXX/HT48RXX
16
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com