Electronic Components Datasheet Search
  English  ▼

X  

HT8656A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT8656A
Description  Talking Back
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8656A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT8656A Datasheet HTML 1Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 2Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 3Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 4Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 5Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 6Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 7Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 8Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Absolute Maximum Ratings*
Supply Voltage ................................. –0.3V to 6V
Storage Temperature................. –50
°C to 125°C
Input Voltage................. VSS–0.3V to VDD+0.3V
Operating Temperature............... –20
°C to 70°C
*Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
Electrical Characteristics
(Ta=25
°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
—
4.5
—
5.5
V
IDD
Operating Current
5V
No load,
fOSC=640kHz
—1.5
3.0
mA
ISTB
Standby Current
5V
—
—
600
800
µA
IO
Max. AUD Source Current
5V
VOH=0.6V
–1.5
–3.0
—
mA
IOL
MOTOR Source Current
5V
VOH=4.5V
–1
–3.5
—
mA
IOL
LED Sink Current
5V
VOL=0.5V
3.0
5.0
—
mA
VIH
“H” Input Voltage
—
—
0.7VDD
—VDD
V
VIL
“L” Input Voltage
—
—
0
—
0.3VDD
V
VOUT
Max. VOUT Output Voltage
5V
RL>50k
Ω
—1.5
—
VP-P
fOSC
Oscillating Frequency
5V
ROSC=43k
Ω
—
640
—
kHz
Functional Description
The HT8656 is a single chip LSI with an exter-
nal DRAM. It is designed for talking back appli-
cations. The recording length of the IC is
determined by the data rate along with the size
of an external memory. Sounds coming from an
external microphone are coded through an in-
ternal ADM algorithm and saved in an external
memory until the memory is full or an interval
of silence lasts over 0.5 seconds. Once recording
is terminated, the IC will play back the recorded
sounds automatically.
Record function
The HT8656 provides two kinds of sampling
rate and DRAM size selection to determine the
recording capacity. The recording capacity is
determined as shown on the following table.
HT8656
5
5th May ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com