Electronic Components Datasheet Search
  English  ▼

X  

HT8656A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT8656A
Description  Talking Back
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8656A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT8656A Datasheet HTML 1Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 2Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 3Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 4Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 5Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 6Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 7Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 8Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HT8656
Talking Back
Features
•
Operating voltage: 4.5V~5.5V
•
ADM algorithm
•
DRAM selection:
–
64K
–
256K
•
Sampling rate selection:
–
32Kb
–
16Kb
•
Auto stop recording
–
0.5 seconds silence is detected
–
Recording capacity is full
•
Built-in 2-stage microphone amplifier
•
Built-in DRAM refresh circuit
•
Voltage type D/A output
•
Current type D/A output
•
Auto record and playback
•
Auto power-off
•
Low power consumption
Applications
•
Toys
•
Education
•
Games
General Description
The HT8656 is a single chip CMOS LSI for
talking back applications using an ADM algo-
rithm. Functions of the IC consist of record-
ing/playing as well as auto power off. It starts
recording when a sound input is detected, and
stops to play back when silence lasts 0.5 sec-
onds during recording. The auto power off func-
tion is activated once a REC/PLAY cycle has
been implemented 64 times or an interval of
silence exceeds 2 minutes.
The HT8656 provides a recording capacity of 2
seconds for DRAM of 64K and 8 seconds for
DRAM of 256K at a 32Kb sampling rate and
double recording capacity at a 16Kb sampling
rate. A higher sampling rate will result in
sounds of better quality but sacrifice the record-
ing time, and vice versa.
1
5th May ’98


Similar Part No. - HT8656A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT86576 HOLTEK-HT86576 Datasheet
368Kb / 39P
Voice Synthesizer 8-Bit MCU
May 6, 2004
HT8658 HOLTEK-HT8658 Datasheet
857Kb / 15P
Voice Recorder (DRAM)
26th Sep 96
HT8659 HOLTEK-HT8659 Datasheet
857Kb / 15P
Voice Recorder (DRAM)
26th Sep 96
More results

Similar Description - HT8656A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSSW003 MOSEL-MSSW003 Datasheet
92Kb / 8P
14 Talking Clock/Watch
logo
STMicroelectronics
MSS40 STMICROELECTRONICS-MSS40 Datasheet
150Kb / 5P
BACK TO BACK SCR MODULE
Sep-2000
logo
Holtek Semiconductor In...
HT8665 HOLTEK-HT8665 Datasheet
911Kb / 13P
Talking Back with Echo
21st Dec 95
logo
NXP Semiconductors
BZB100A NXP-BZB100A Datasheet
61Kb / 10P
Dual back-to-back Zener diode
Rev. 01-28 January 2008
logo
Comset Semiconductor
MSS40 COMSET-MSS40 Datasheet
126Kb / 4P
BACK TO BACK SCR MODULE
logo
STMicroelectronics
SS-401 STMICROELECTRONICS-SS-401 Datasheet
119Kb / 7P
Back to back SCR module
11-Jul-2007
logo
Glenair, Inc.
805-114 GLENAIR-805-114 Datasheet
227Kb / 1P
Mighty Mouse High-Speed Back-to-Back
logo
Kersemi Electronic Co.,...
MSS40-800 KERSEMI-MSS40-800 Datasheet
459Kb / 5P
BACK TO BACK SCR MODULE
logo
Infineon Technologies A...
AUIR3241S INFINEON-AUIR3241S Datasheet
807Kb / 19P
high side Mosfet driver for back to back topology targeting back to back switch
Rev 1.01 2017-09-12
logo
Nell Semiconductor Co.,...
NST70KQ NELLSEMI-NST70KQ Datasheet
688Kb / 5P
Back to Back SCR Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com