Electronic Components Datasheet Search
  English  ▼

X  

MS5534 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MS5534
Description  BAROMETER MODULE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MS5534 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MS5534 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS5534 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS5534 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS5534 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS5534 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS5534 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS5534 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS5534 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS5534 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DA5534_022.doc
July 17th, 2002
2
ECN493
PIN CONFIGURATION
1
GND
6
VDD
2
SCLK
4
DIN
3
DOUT
5
MCLK
PEN 7
PV 8
6
5
4
3
2
1
Fig. 2: Pin configuration of MS5534
PIN DESCRIPTION
Pin Name
Pin
Type
Function
VDD
6
P
Positive Supply Voltage
MCLK
5
I
Master Clock (32.768kHz)
DIN
4
I
Data Input
DOUT
3
O
Data Output
SCLK
2
I
Serial Data Clock
GND
1
G
Ground
PV
8
N
Negative Programming Voltage
PEN
7
I
Programming Enable
Note: Pins 7 (PEN) and 8 (PV) are only used by the manufacturer for calibration purposes and should not be
connected.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.3
4
V
Overpressure
P
4
bar
abs
Storage Temperature
TStg
-20
+70
oC
Notes:
1.
Storage and operation in an environment of dry and non-corrosive gases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com