Electronic Components Datasheet Search
  English  ▼

X  

PN207 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # PN207
Description  Darlington Phototransistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PN207 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  PN207 Datasheet HTML 1Page - Panasonic Semiconductor PN207 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Darlington Phototransistors
1
PNA2W01M
Darlington Phototransistor
For optical control systems
s Features
• High sensitivity
• Easy to combine with red and infrared light emitting diodes
• Small size designed for easier mounting to printed circuit board
s Absolute Maximum Ratings T
a = 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Collector to emitter voltage
VCEO
20
V
Emitter to collector voltage
VECO
5V
Collector current
IC
30
mA
Collector power dissipation
PC
100
mW
Operating ambient temperature
Topr
−25 to +85
°C
Storage temperature
Tstg
−30 to +100
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Dark current
ICEO
VCE = 10 V
0.1
0.5
µA
Collector photo current
ICE(L)
VCE = 10 V, L = 2 lx *
1
0.5
3
mA
Peak sensitivity wavelength
λ
P
VCE = 10 V
800
nm
Acceptance half angle
θ
Measured from the optical axis to the
18
°
half power point
Response time
tr , tf *
2
VCC = 10 V, ICE(L) = 5 mA, RL = 100 Ω
200
µs
Collector saturation voltage
VCE(sat)
ICE(L) = 1 mA, L = 100 lx *
1
0.7
1.5
V
s Electro-Optical Characteristics T
a = 25°C
1: Collector
2: Emitter
Note) *1: Measurements were made using a tungsten lamp (color temperature T = 2856 K) as a light source.
*2: Switching time measurement circuit
2.8
±0.2
3.2
±0.3
12
10.0 min.
Type number : Emitter mark (Black)
10.0 min.
3.2
±0.3
1.8
1.8
R0.9
φ1.8
(Input pulse)
(Output pulse)
50
Ω
R
L
t
d : Delay time
t
r : Rise time (Time required for the collector photo current to
increase from 10% to 90% of its final value)
t
f : Fall time (Time required for the collector photo current to
decrease from 90% to 10% of its initial value)
V
CC
Sig. out
10%
90%
Sig. in
t
d
t
r
t
f


Similar Part No. - PN207

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN200 FAIRCHILD-PN200 Datasheet
51Kb / 4P
PNP General Purpose Amplifier
PN200 FAIRCHILD-PN200 Datasheet
491Kb / 12P
PNP General Purpose Amplifier
logo
Continental Device Indi...
PN200 CDIL-PN200 Datasheet
254Kb / 4P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Fairchild Semiconductor
PN200 FAIRCHILD-PN200 Datasheet
883Kb / 12P
PNP General Purpose Amplifier
logo
List of Unclassifed Man...
PN200501500VA001 ETC2-PN200501500VA001 Datasheet
78Kb / 5P
500VA Pure Sine Wave Inverter
More results

Similar Description - PN207

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3045 NTE-NTE3045 Datasheet
22Kb / 2P
Optoisolator Silicon NPN Darlington Phototransistor Output
logo
Panasonic Semiconductor
PNA2602 PANASONIC-PNA2602 Datasheet
49Kb / 2P
Darlington Phototransistor
PNA2602M PANASONIC-PNA2602M Datasheet
50Kb / 2P
Darlington Phototransistor
PNA2803M PANASONIC-PNA2803M Datasheet
48Kb / 2P
Darlington Phototransistor
PNZ263L PANASONIC-PNZ263L Datasheet
50Kb / 2P
Darlington Phototransistor
logo
NEC
PH101 NEC-PH101 Datasheet
66Kb / 2P
NPN EPITXIAL DARLINGTON PHOTOTRANSISTOR PHOTO DETECTOR
logo
Panasonic Semiconductor
PN205 PANASONIC-PN205 Datasheet
203Kb / 4P
DARLINGTON PHOTOTRANSISTOR
PN208 PANASONIC-PN208 Datasheet
64Kb / 2P
DARLINGTON PHOTOTRANSISTOR
PN268 PANASONIC-PN268 Datasheet
117Kb / 2P
DARLINGTON PHOTOTRANSISTOR FOR OPTICAL CONTROL SYSTEMS
logo
OPTEK Technologies
OP525 OPTEK-OP525 Datasheet
380Kb / 5P
Silicon Phototransistor and Photo Darlington
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com