Electronic Components Datasheet Search
  English  ▼

X  

PN207 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # PN207
Description  Darlington Phototransistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PN207 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PN207 Datasheet HTML 1Page - Panasonic Semiconductor PN207 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
PNA2W01M
Darlington Phototransistors
PC  Ta
ICE(L)  VCE
ICE(L)  L
ICEO  Ta
tr  ICE(L)
ICE(L)  Ta
tf  ICE(L)
Spectral sensitivity characterisitics
Ambient temperature T
a (°C)
120
100
80
60
40
20
0
0
20406080
100
−20
040
20
80
60
100
−20
102
10
1
Ambient temperature T
a (°C)
10−3
10−2
10−1
102
10−1
10
1
Ambient temperature T
a (°C)
−40
0
40
80
120
VCE = 10 V
T
= 2 856 K
Collector to emitter voltage V
CE (V)
32
24
16
8
812
416
20
24
0
0
103
102
10
Illuminance L (lx)
10
103
102
10−1
1
1
VCE = 10 V
Ta = 25°C
T
= 2 856 K
VCE = 10 V
Ta = 25°C
100
80
60
40
20
Wavelength
λ (nm)
200
400
600
800
1 000
1 200
0
105
104
103
102
105
104
103
102
Collector photo current I
CE(L) (mA)
110
10
10−2
10−1
Collector photo current I
CE(L) (mA)
10
10
10−2
10−1
1
Ta = 25°C
T
= 2 856 K
VCC = 10 V
Ta = 25°C
VCC = 10 V
Ta = 25°C
0
°
10
°
20
°
30
°
40
°
50
°
60
°
70
°
80
°
90
°
VCE = 10 V
20
90
100
80
70
60
50
40
30
1 lx
PC = 100 mW
L
= 10 lx
5 lx
2 lx
RL = 1 kΩ
500
Ω
100
Ω
RL = 1 kΩ
500
Ω
100
Ω
Directivity characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com