Electronic Components Datasheet Search
  English  ▼

X  

AM1012 Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # AM1012
Description  MOSFET N-CHANNEL 1.8-V (G-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM1012 Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  AM1012 Datasheet HTML 1Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 2Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 3Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 4Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 5Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 6Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 7Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 8Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 9Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM1012
MOSFET
N-CHANNEL 1.8-V (G-S) MOSFET
REV1.0
- SEP 2015 RELEASED -
- 3 -
ABSOLUTE MAXIMUM RATINGS
TA = 25℃, unless Otherwise Noted
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±6
V
Continuous Drain Current (TJ = 150°C)NOTE2
TA=25°C
ID
600
500
mA
TA=85°C
400
350
Pulsed Drain Current NOTE1
IDM
1000
Continuous Source Current (diode conduction)NOTE2
IS
275
250
Maximum Power DissipationNOTE2 for SC-75
TA=25°C
PD
175
150
mW
TA=85°C
90
80
Maximum Power DissipationNOTE2 for SC-89
TA=25°C
PD
272
250
TA=85°C
160
140
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to150
℃
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V
Stress beyond above listed “Absolute Maximum Ratings” may lead permanent damage to the device. These are stress ratings only and
operations of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
NOTE1: Pulse width limited by maximum junction temperature.
NOTE2: Surface Mounted on FR4 Board.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com